Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4063 Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce SI4063
Description  Highly configurable packet handler
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4063 Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button SI4063 Datasheet HTML 5Page - Silicon Laboratories SI4063 Datasheet HTML 6Page - Silicon Laboratories SI4063 Datasheet HTML 7Page - Silicon Laboratories SI4063 Datasheet HTML 8Page - Silicon Laboratories SI4063 Datasheet HTML 9Page - Silicon Laboratories SI4063 Datasheet HTML 10Page - Silicon Laboratories SI4063 Datasheet HTML 11Page - Silicon Laboratories SI4063 Datasheet HTML 12Page - Silicon Laboratories SI4063 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Si4063/60-C
Rev 1.0
9
Table 5. Digital IO Specifications (GPIO_x, SCLK, SDO, SDI, nSEL, nIRQ, SDN)1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Rise Time2,3
TRISE
0.1 x VDD to 0.9 x VDD,
CL =10pF,
DRV<1:0> = LL
—2.3
ns
Fall Time3,4
TFALL
0.9 x VDD to 0.1 x VDD,
CL =10pF,
DRV<1:0> = LL
—2
ns
Input Capacitance
CIN
—2
pF
Logic High Level Input Voltage
VIH
VDD x0.7
V
Logic Low Level Input Voltage
VIL
——
VDD x0.3
V
Input Current
IIN
0<VIN< VDD
–1
1
µA
Input Current If Pullup is Activated
IINP
VIL =0V
1
4
µA
Drive Strength for Output Low
Level
IOmaxLL
DRV[1:0] = LL3
—6.66
mA
IOmaxLH
DRV[1:0] = LH3
—5.03
mA
IOmaxHL
DRV[1:0] = HL3
—3.16
mA
IOmaxHH
DRV[1:0] = HH3
—1.13
mA
Drive Strength for Output High
Level
IOmaxLL
DRV[1:0] = LL3
—5.75
mA
IOmaxLH
DRV[1:0] = LH3
—4.37
mA
IOmaxHL
DRV[1:0] = HL3
—2.73
mA
IOmaxHH
DRV[1:0] = HH3
—0.96
mA
Drive Strength for Output High
Level for GPIO0
IOmaxLL
DRV[1:0] = LL3
—2.53
mA
IOmaxLH
DRV[1:0] = LH3
—2.21
mA
IOmaxHL
DRV[1:0] = HL3
—1.7
mA
IOmaxHH
DRV[1:0] = HH3
—0.80
mA
Logic High Level Output Voltage
VOH
DRV[1:0] = HL
VDD x0.8
V
Logic Low Level Output Voltage
VOL
DRV[1:0] = HL
VDD x0.2
V
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage
and from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise
stated.
2. 6.7 ns is typical for GPIO0 rise time.
3. Assuming VDD = 3.3 V, drive strength is specified at Voh (min) = 2.64 V and Vol(max) = 0.66 V at room temperature.
4. 2.4 ns is typical for GPIO0 fall time.


Numéro de pièce similaire - SI4063

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Description similaire - SI4063

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com