Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4063 Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI4063
Description  Highly configurable packet handler
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4063 Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI4063 Datasheet HTML 4Page - Silicon Laboratories SI4063 Datasheet HTML 5Page - Silicon Laboratories SI4063 Datasheet HTML 6Page - Silicon Laboratories SI4063 Datasheet HTML 7Page - Silicon Laboratories SI4063 Datasheet HTML 8Page - Silicon Laboratories SI4063 Datasheet HTML 9Page - Silicon Laboratories SI4063 Datasheet HTML 10Page - Silicon Laboratories SI4063 Datasheet HTML 11Page - Silicon Laboratories SI4063 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Si4063/60-C
8
Rev 1.0
Table 4. Auxiliary Block Specifications1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Sensor
Sensitivity
TSS
4.5
ADC
Codes/
°C
Low Battery Detector
Resolution
LBDRES
—50
mV
Microcontroller Clock
Output Frequency Range2
FMC
Configurable to Fxtal or Fxtal
divided by 2, 3, 7.5, 10, 15, or
30 where Fxtal is the reference
XTAL frequency. In addition,
32.768 kHz is also supported.
32.768K
Fxtal
Hz
Temperature Sensor
Conversion
TEMPCT
Programmable setting
3
ms
XTAL Range3
XTALRange
25
32
MHz
30 MHz XTAL Start-Up Time
t30M
Using XTAL and board layout in
reference design. Start-up time
will vary with XTAL type and
board layout.
300
µs
30 MHz XTAL Cap
Resolution
30MRES
—70
fF
32 kHz XTAL Start-Up Time
t32k
—2
sec
32 kHz Accuracy using
Internal RC Oscillator
32KRCRES
2500
ppm
POR Reset Time
tPOR
——
6
ms
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage
and from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise
stated.
2. Microcontroller clock frequency tested in production at 1 MHz, 30 MHz, 32 MHz, and 32.768 kHz. Other frequencies
tested in bench characterization.
3. XTAL Range tested in production using an external clock source (similar to using a TCXO).


Numéro de pièce similaire - SI4063

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Description similaire - SI4063

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com