Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4063 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI4063
Description  Highly configurable packet handler
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4063 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI4063 Datasheet HTML 3Page - Silicon Laboratories SI4063 Datasheet HTML 4Page - Silicon Laboratories SI4063 Datasheet HTML 5Page - Silicon Laboratories SI4063 Datasheet HTML 6Page - Silicon Laboratories SI4063 Datasheet HTML 7Page - Silicon Laboratories SI4063 Datasheet HTML 8Page - Silicon Laboratories SI4063 Datasheet HTML 9Page - Silicon Laboratories SI4063 Datasheet HTML 10Page - Silicon Laboratories SI4063 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Si4063/60-C
Rev 1.0
7
Output Power Variation
(Si4060)
At 10 dBm PA power setting, 915 MHz,
Class E match, 3.3 V, 25 °C
9.5
10
10.5
dBm
Output Power Variation
(Si4063)
At 20 dBm PA power setting, 169 MHz,
Square Wave match, 3.3 V, 25 °C
18.5
20
21
dBm
Output Power Variation
(Si4060)
At 10 dBm PA power setting, 169 MHz,
Square Wave match, 3.3 V, 25 °C
—10
dBm
TX RF Output Level
Variation vs. Temperature
P
RF_TEMP
–40 to +85
C—
2.3
dB
TX RF Output Level
Variation vs. Frequency
P
RF_FREQ
Measured across 902–928 MHz
0.6
dB
Transmit Modulation
Filtering
B*T
Gaussian Filtering Bandwith Time
Product
—0.5
Table 3. Transmitter AC Electrical Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2. The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula:
Maximum Symbol Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3. Default API setting for modulation deviation resolution is double the typical value specified.
4. Output power is dependent on matching components and board layout.


Numéro de pièce similaire - SI4063

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063 ETC2-SI4063 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Description similaire - SI4063

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
   Highly configurable packet handler
SI1012-A SILABS-SI1012-A Datasheet
986Kb / 2P
   Programmable packet handler
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
logo
Renesas Technology Corp
DA9083 RENESAS-DA9083 Datasheet
700Kb / 63P
   High Current, Highly Configurable System PMIC
18-Mar-2022
logo
C-Media Electronics
CM118B CMEDIA-CM118B Datasheet
605Kb / 25P
   Highly Integrated & Configurable USB Audio Single Chip
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com