Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145190F Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC145190F
Description  1.1GHz PLL Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145190F Fiches technique(HTML) 4 Page - Motorola, Inc

  MC145190F Datasheet HTML 1Page - Motorola, Inc MC145190F Datasheet HTML 2Page - Motorola, Inc MC145190F Datasheet HTML 3Page - Motorola, Inc MC145190F Datasheet HTML 4Page - Motorola, Inc MC145190F Datasheet HTML 5Page - Motorola, Inc MC145190F Datasheet HTML 6Page - Motorola, Inc MC145190F Datasheet HTML 7Page - Motorola, Inc MC145190F Datasheet HTML 8Page - Motorola, Inc MC145190F Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MC145190
•MC145191
MOTOROLA
4
ANALOG CHARACTERISTICS—CURRENT SOURCE/SINK OUTPUT—PDout
(Iout ≤ 2 mA, VDD = VCC = 4.5 to 5.5 V, VDD ≤ VPD. Voltages Referenced to GND)
Parameter
Test Condition
VPD
Guaranteed
Limit
Unit
Maximum Source Current Variation (Part–to–Part)
MC145190: Vout = 0.5 × VPD
8.0
± 20
%
9.5
± 20
MC145191: Vout = 0.5 × VPD
4.5
± 20
%
5.5
± 20
Maximum Sink–vs–Source Mismatch (Note 3)
MC145190: Vout = 0.5 × VPD
8.0
12
%
9.5
12
MC145191: Vout = 0.5 × VPD
4.5
12
%
5.5
12
Output Voltage Range (Note 3)
MC145190: Iout Variation ≤ 20%
8.0
0.5 to 7.5
V
9.5
0.5 to 9.0
MC145191: Iout Variation ≤ 20%
4.5
0.5 to 4.0
V
5.5
0.5 to 5.0
NOTES:
1. Percentages calculated using the following formula: (Maximum Value – Minimum Value) / Maximum Value.
2. See Rx Pin Description for external resistor values.
3. This parameter is guaranteed for a given temperature within – 40
° to + 85°C.
AC INTERFACE CHARACTERISTICS (VDD = 4.5 to 5.5 V, TA = – 40 to + 85°C, CL = 50 pF, Input tr = tf = 10 ns;
MC145190: VPD = 8.0 to 9.5 V; MC145191: VPD = 4.5 to 5.5 V with VDD ≤ VPD)
Symbol
Parameter
Figure
No.
Guaranteed
Limit
Unit
fclk
Serial Data Clock Frequency (Note: Refer to Clock tw below)
1
dc to 4.0
MHz
tPLH, tPHL
Maximum Propagation Delay, CLK to OUTPUT A (Selected as Data Out)
1, 5
105
ns
tPLH, tPHL
Maximum Propagation Delay, ENB to OUTPUT A (Selected as Port)
2, 5
100
ns
tPZL, tPLZ
Maximum Propagation Delay, ENB to OUTPUT B
2, 6
120
ns
tTLH, tTHL
Maximum Output Transition Time, OUTPUT A and OUTPUT B;
tTHLONLY, on OUTPUT B
1, 5, 6
100
ns
Cin
Maximum Input Capacitance – Din, ENB, CLK
10
pF
TIMING REQUIREMENTS
(VDD = VCC = 4.5 to 5.5 V, TA = – 40 to + 85°C, Input tr = tf = 10 ns unless otherwise indicated)
Symbol
Parameter
Figure
No.
Guaranteed
Limit
Unit
tsu, th
Minimum Setup and Hold Times, Din vs CLK
3
20
ns
tsu, th, trec
Minimum Setup, Hold and Recovery Times, ENB vs CLK
4
100
ns
tw
Minimum Pulse Width, ENB
4
*
cycles
tw
Minimum Pulse Width, CLK
1
125
ns
tr, tf
Maximum Input Rise and Fall Times – CLK
1
100
µs
* The minimum limit is 3 REFin cycles or 195 fin cycles, whichever is greater.


Numéro de pièce similaire - MC145190F

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145192 MOTOROLA-MC145192 Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC145193F MOTOROLA-MC145193F Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC14519B MOTOROLA-MC14519B Datasheet
204Kb / 6P
   4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive nor gate
More results

Description similaire - MC145190F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com