Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145167DW Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC145167DW
Description  Dual PLLs for 46/49 Mhz Cordless Telephones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145167DW Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC145167DW Datasheet HTML 2Page - Motorola, Inc MC145167DW Datasheet HTML 3Page - Motorola, Inc MC145167DW Datasheet HTML 4Page - Motorola, Inc MC145167DW Datasheet HTML 5Page - Motorola, Inc MC145167DW Datasheet HTML 6Page - Motorola, Inc MC145167DW Datasheet HTML 7Page - Motorola, Inc MC145167DW Datasheet HTML 8Page - Motorola, Inc MC145167DW Datasheet HTML 9Page - Motorola, Inc MC145167DW Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC145166
•MC145167
MOTOROLA
6
PIN DESCRIPTIONS
INPUT PINS
OSCin/OSCout
Reference Oscillator Input/Output (Pins 1,16)
These pins form a reference oscillator when connected to
an external parallel–resonant crystal. For a 46/49 MHz cord-
less phone application, a 10.24 MHz crystal is needed.
OSCin may also serve as input for an externally generated
reference signal. This signal is typically ac coupled to
OSCin, but for larger amplitude signals (standard CMOS
logic levels) dc coupling may also be used. In the external
reference mode, no connection is required for OSCout.
MODE
Mode Select (Pin 2)
Mode is for determining whether the part is to be used in
the base or handset of a cordless phone. Internally, this pin is
used in the decoding logic for selecting the ROM address.
When high, the device is set in the base mode, and when
low, it is set in the handset mode. This input has an internal
pull–down device.
SB
Standby Input (Pin 3)
The standby pin is used to save power when not transmit-
ting. When high, both the transmit and receive loops are in
operation. When low, the transmit loop is disabled, thereby
reducing power consumption. This input has an internal pull–
down device.
D0 – D3
Data Inputs (MC145166 — Pins 5 – 8)
These inputs provide the BCD code for selecting the one
of ten channels to be locked in both the transmit and receive
loop. When address data other than 1 – 10 are input, the de-
coding logic defaults to channel 10. The frequency assign-
ments with reference to Mode and D0 – D3 are shown in
Table 1. These inputs have internal pull–down devices.
fin1, fin2
Frequency Inputs (Pins 14, 9)
fin1 and fin2 are inputs to the divide–by–N receive and
transmit counters, respectively. These signals are typically
derived from the loop VCO and are ac coupled. For larger
amplitude signals (standard CMOS logic levels), dc coupling
may be used. The minimum input level is 200 mV p–p.
CLK, DATA
Clock, Data (MC145167 — Pins 5, 6)
These pins provide the BCD input by using serial channel
programming instead of parallel. Logical high represents a 1.
Each low–to–high transition of the clock shifts one bit of data
into the on–chip shift register.
ENB
Enable (MC145167 — Pin 8)
The enable pin controls the data transfer from the shift reg-
ister to the 4–bit latch. A positive pulse latches the data.
OUTPUT PINS
5 k
5 kHz Tone Signals (Pin 4)
The 5 kHz tone signals are N–channel, open–drain out-
puts derived from the reference oscillator.
LD
Lock Detect Signal (Pin 10)
The lock detect signal is associated with the transmit loop.
The lock output goes high to indicate an out–of–lock condi-
tion. This is a P–channel open–drain output.
PD1, PD2
Phase Detector Outputs (Pins 13, 11)
These are three–state outputs of the transmit and receive
phase detectors for use as loop error signals. Phase detector
gain is VDD/4 π volts per radian.
Frequency fv > fr or fv leading: Output = Negative pulses
Frequency fv < fr or fv lagging: Output = Positive pulses
Frequency fv = fr and phase coincidence: Output = High–
impedance state
POWER SUPPLY
VSS
Negative Power Supply (Pin 12)
This pin is the negative supply potential and is usually
ground.
VDD
Positive Power Supply (Pin 15)
This pin is the positive supply potential and may range
from + 2.5 to + 5.5 V with respect to VSS.


Numéro de pièce similaire - MC145167DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162-1 MOTOROLA-MC145162-1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results

Description similaire - MC145167DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145168 MOTOROLA-MC145168 Datasheet
45Kb / 2P
   Dual PLLs For 46/49 Mhz Cordless Telephones
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Nippon Precision Circui...
SM5132 NPC-SM5132 Datasheet
219Kb / 6P
   Two PLLs for Cordless Telephons
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com