Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145074D Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC145074D
Description  Stero Audio Sigma-Delta Digital-to-Analog Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145074D Fiches technique(HTML) 3 Page - Motorola, Inc

  MC145074D Datasheet HTML 1Page - Motorola, Inc MC145074D Datasheet HTML 2Page - Motorola, Inc MC145074D Datasheet HTML 3Page - Motorola, Inc MC145074D Datasheet HTML 4Page - Motorola, Inc MC145074D Datasheet HTML 5Page - Motorola, Inc MC145074D Datasheet HTML 6Page - Motorola, Inc MC145074D Datasheet HTML 7Page - Motorola, Inc MC145074D Datasheet HTML 8Page - Motorola, Inc MC145074D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC145074
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS
(Full Temperature and Voltage Ranges per Operation Ranges Table at 50 pf Loads on Outputs)
Symbol
Parameter
Figure
Guaranteed
Limit
Unit
Operating Frequency Xin (DIV2 = 0)
(DIV2 = 1)
18.5
37.0
MHz
Bit Clock Frequency
18.5
MHz
tr, tf
Maximum Rise and Fall Times (BCKL, WCLK)
2, 5
6
ns
tPLH
tTLH
Xout L–H Propagation Delay
Xout Rise Time
2
30
15
ns
tPHL
tTHL
Xout H–L Propagation Delay
Xout Fall Time
2
30
15
ns
tPLH
tTLH
DOL, DOR L–H Propagation Delays
DOL, DOR Rise Time
3
15
5
ns
tPHL
tTHL
DOL, DOR H–L Propagation Delays
DOL, DOR Fall Time
3
15
5
ns
tPLH
tTLH
WCLK Output L–H Propagation Delay
WCLK Output Rise Time
4
15
5
ns
tPHL
tTHL
WCLK Output H–L Propagation Delay
WCLK Output Fall Time
4
15
5
ns
tsu
th
DIR Master Program Mode Minimum Setup Time
DIR Master Program Mode Minimum Hold Time
5
5
5
ns
tsu
th
DIR, DIL Minimum Setup Time
DIR, DIL Minimum Hold Time
5
5
5
ns
tsu
th
WCLK Minimum Setup Time to BCLK (not DMODE = WDLY = 1)
WCLK Minimum Hold Time to BCLK (not DMODE = WDLY = 1)
6
5
5
ns
tsu
th
WCLK Minimum Setup Time to Xin (not DMODE = WDLY = 1)
WCLK Minimum Hold Time to Xin (not DMODE = WDLY = 1)
6
5
5
ns
tsu
th
WCLK Minimum Setup Time to BCLK (DMODE = WDLY = 1)
WCLK Minimum Hold Time to BCLK (DMODE = WDLY = 1)
7
5
5
ns
tLAG
tLEAD
BCLK to Xin (1st Edge Only) Lag Time (DMODE = WDLY = 1)
BCLK to Xin (1st Edge Only) Lead Time (DMODE = WDLY = 1)
7
5
5
ns


Numéro de pièce similaire - MC145074D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145073DW MOTOROLA-MC145073DW Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Description similaire - MC145074D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com