Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC35256FM Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC35256FM
Description  256K (32768 words 8 bits) SRAM Control Pins: OE and CE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35256FM Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC35256FM Datasheet HTML 1Page - Sanyo Semicon Device LC35256FM Datasheet HTML 2Page - Sanyo Semicon Device LC35256FM Datasheet HTML 3Page - Sanyo Semicon Device LC35256FM Datasheet HTML 4Page - Sanyo Semicon Device LC35256FM Datasheet HTML 5Page - Sanyo Semicon Device LC35256FM Datasheet HTML 6Page - Sanyo Semicon Device LC35256FM Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ordering number : ENN*6302
52600RM (OT) No. 6302-1/7
Overview
The LC35256FM and LC35256FT are asynchronous
silicon-gate CMOS SRAMs with a 32K-word by 8-bit
structure. These are full-CMOS devices with 6 transistors
per memory cell, and feature low-voltage operation, a low
operating current drain, and an ultralow standby current.
Control inputs include OE for fast memory access and CE
(chip enable) for power saving and device selection. This
makes these devices optimal for systems that require low
power or battery backup, and makes memory expansion
easy. The ultralow standby current allows these devices to
be used with capacitor backup as well.
Features
• Supply voltage range: 4.5 to 5.5 V
• Access time at 5 V operation:
LC35256FM, FT-55U: 55 ns (maximum)
LC35256FM, FT-70U: 70 ns (maximum)
• Standby current: 3.0 µA (Ta
≤ 70°C)
5.0 µA (Ta
≤ 85°C)
• Operating temperature: –40 to +85°C
• Data retention voltage: 2.0 to 5.5 V
• All I/O levels: TTL compatible
• Input/output shared function pins, 3-state output pins
• No clock required
• Package
28-pin SOP (450 mil) plastic package: LC35256FM
28-pin TSOP (8
× 13.4 mm) plastic package: LC35256FT
Package Dimensions
unit: mm
3187A-SOP28D
unit: mm
3221-TSOP28 (Type I)
Preliminary
LC35256FM, FT-55U/70U
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
256K (32768 words
× 8 bits) SRAM
Control Pins: OE and CE
CMOS IC
1
14
15
28
18.0
1.27
0.4
0.15
SANYO: SOP28D
[LC35256FM]
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
0.55
22
7
21
8
1
28
8.1
0.2
0.125
SANYO: TSOP28 (Type I)
[LC35256FT]


Numéro de pièce similaire - LC35256FM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35256FM SANYO-LC35256FM Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
More results

Description similaire - LC35256FM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com