Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856BLT3G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BC856BLT3G
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC856BLT3G Fiches technique(HTML) 2 Page - ON Semiconductor

  BC856BLT3G Datasheet HTML 1Page - ON Semiconductor BC856BLT3G Datasheet HTML 2Page - ON Semiconductor BC856BLT3G Datasheet HTML 3Page - ON Semiconductor BC856BLT3G Datasheet HTML 4Page - ON Semiconductor BC856BLT3G Datasheet HTML 5Page - ON Semiconductor BC856BLT3G Datasheet HTML 6Page - ON Semiconductor BC856BLT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BC856ALT1G Series
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
BC856, SBC856 Series
(IC = −10 mA)
BC857, SBC857 Series
BC858, NSBVC858 BC859 Series
V(BR)CEO
−65
−45
−30
V
Collector − Emitter Breakdown Voltage
BC856 S, SBC856eries
(IC = −10 mA, VEB = 0)
BC857A, SBC857A, BC857B, SBC857B Only
BC858, NSVB858, BC859 Series
V(BR)CES
−80
−50
−30
V
Collector − Base Breakdown Voltage
BC856, SBC856 Series
(IC = −10 mA)
BC857, SBC857 Series
BC858, NSVBC858, BC859 Series
V(BR)CBO
−80
−50
−30
V
Emitter − Base Breakdown Voltage
BC856, SBC856 Series
(IE = −1.0 mA)
BC857, SBC857 Series
BC858, NSVBC858, BC859 Series
V(BR)EBO
−5.0
−5.0
−5.0
V
Collector Cutoff Current (VCB = −30 V)
Collector Cutoff Current (VCB = −30 V, TA = 150°C)
ICBO
−15
−4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
BC856A, SBC856A, BC857A, SBC857A, BC858A
(IC = −10 mA, VCE = −5.0 V) BC856B, SBC856B, BC857B, SBC857B,
BC858B, NSVBC858B
BC857C, SBC857C BC858C
(IC = −2.0 mA, VCE = −5.0 V)
BC856A, SBC856A, BC857A,
SBC857A, BC858A
BC856B, SBC856B, BC857B, SBC857B, BC858B,
NSVBC858B, BC859B
BC857C, SBC857C, BC858C, BC859C
hFE
125
220
420
90
150
270
180
290
520
250
475
800
Collector − Emitter Saturation Voltage
(IC = −10 mA, IB = −0.5 mA)
(IC = −100 mA, IB = −5.0 mA)
VCE(sat)
−0.3
−0.65
V
Base − Emitter Saturation Voltage
(IC = −10 mA, IB = −0.5 mA)
(IC = −100 mA, IB = −5.0 mA)
VBE(sat)
−0.7
−0.9
V
Base − Emitter On Voltage
(IC = −2.0 mA, VCE = −5.0 V)
(IC = −10 mA, VCE = −5.0 V)
VBE(on)
−0.6
−0.75
−0.82
V
SMALL− SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = −10 V, f = 1.0 MHz)
Cob
4.5
pF
Noise Figure
(IC = −0.2 mA, VCE = −5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
BC856, SBC856, BC857, SBC857, BC858, NSVBC858 Series
BC859 Series
NF
10
4.0
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Numéro de pièce similaire - BC856BLT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC856BLT3G ONSEMI-BC856BLT3G Datasheet
172Kb / 7P
   General Purpose Transistors PNP Silicon
August, 2009 ??Rev. 11
logo
First Silicon Co., Ltd
BC856BLT3G FS-BC856BLT3G Datasheet
179Kb / 8P
   General Purpose Transistors
More results

Description similaire - BC856BLT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com