Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02139 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce M02139
Description  10GBASE-SR, IR and LR Links
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M02139 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M02139 Datasheet HTML 4Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 5Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 6Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 7Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 8Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 9Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 10Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 11Page - List of Unclassifed Manufacturers M02139 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
3.0
Functional Description
3.1
Overview
The M02139 is a 10.3 Gbps TIA with a wide input dynamic range to support different transmission distance
requirements. Input overload of 2.0 mAPP is provided to support short-haul fiber optic systems. In order to satisfy
such high sensitivity and good optical overload requirements, automatic gain control circuit (AGC) is implemented
in the M02139. The AGC monitors the output amplitude and automatically reduces the TIA gain when the
photodiode current exceeds the AGC threshold, maintaining the output at a constant level.
A replica of the average photodiode current is available at the MON pad for photo-alignment and SFF-8472 Rx
power monitoring. A low pass filter can be engaged by pulling IMON above 1.6 V, for 1.25 Gbps operation.
Figure 3-1.
M02139 Block Diagram
DOUT
DOUT
TIA
AGC
Voltage Reg
VREG
BGAP
Current
Ref Gen
Gain
AGC
Vreg
MON
PINA
PINK
Output
Buffer
DC
Servo
Rf


Numéro de pièce similaire - M02139

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02139 MA-COM-M02139 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-13 MA-COM-M02139-13 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-23 MA-COM-M02139-23 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
M02139-33 MA-COM-M02139-33 Datasheet
365Kb / 18P
   1G/10G Gbps TIA with AGC and Rate Select
More results

Description similaire - M02139

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
Source Photonics, Inc.
SPP-10E-LR-CDFP SOURCE-SPP-10E-LR-CDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and Data Center application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
logo
ATGBICS by Approved Tec...
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
   QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
LRXP8510-X3ATL-C ATGBICS-LRXP8510-X3ATL-C Datasheet
375Kb / 10P
   LRXP8510-X3ATL LR Link Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
JX2-13SLAA1 JDSU-JX2-13SLAA1 Datasheet
124Kb / 3P
   10GBASE-SR X2 Optical Transceiver
JXP-01SGAA1 JDSU-JXP-01SGAA1 Datasheet
195Kb / 4P
   10GBASE-SR XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com