Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK1008 Datasheet(Fiches technique) 2 Page - Inchange Semiconductor Company Limited

Numéro de pièce 2SK1008
Description  isc N-Channel MOSFET Transistor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1008 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1008 Datenblatt HTML 1Page - Inchange Semiconductor Company Limited 2SK1008 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1008
·
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
500
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.5
3.5
5.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID= 2.5A
1.5
2.2
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS= 0
500
uA
VSD
Forward On-Voltage
IS=4.5A; VGS=0
1.0
1.5
V
tr
Rise time
VGS=10V;ID=10A;
RL=25Ω
50
80
ns
ton
Turn-on time
60
95
ns
tf
Fall time
50
80
ns
toff
Turn-off time
130
200
ns


Html Pages

1  2