Moteur de recherche de fiches techniques de composants électroniques |
|
SMPN7453-SOT23 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
SMPN7453-SOT23 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 6 page PIN Switching Diode Rev. V1 SMPN7xxx Series 2 2 MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications: @ +25°C Part Number ID Code1 Total Capacitance CT Voltage Breakdown VB Series Resistance RS Carrier Lifetime TL 1 MHz IR = 10 µA 100 mA, 100 MHz 10 mA, 100 MHz IF = 10 mA, IR = 6 mA pF V Ω ns Typical Minimum Typical Typical PIN Switching Diodes SMPN7310-SOT23- 0S 0.30 @ 5 V 100 0.60 1.0 120 1S 0.30 @ 5 V 2ST 0.40 @ 5 V 3CA 0.40 @ 5 V 4CC 0.40 @ 5 V SMPN7316-SOT 23- 0S 0.30 @ 5 V 100 0.60 1.0 200 1S 0.30 @ 5 V 2ST 0.40 @ 5 V 3CA 0.40 @ 5 V 4CC 0.40 @ 5 V PIN General Purpose Diodes SMPN7335-SOT 23- 0S 0.30 @ 50 V 200 1.50 2.0 500 1S 0.30 @ 50 V 2ST 0.40 @ 50 V 3CA 0.40 @ 50 V 4CC 0.40 @ 50 V PIN Low Capacitance for High Frequency Applications SMPN7320-SOT23- 0S 0.20 @ 10 V 100 2.0 4.0 170 1S 0.20 @ 10 V 2ST 0.30 @ 10 V 3CA 0.30 @ 10 V 4CC 0.30 @ 10 V 1. 0,1,S=Single; 2,ST=Series Tee; 3,CA=Common Anode; 4,CC=Common Cathode Also available in SOD323 package. Absolute Maximum Ratings Parameter Absolute Maximum Forward Current 1 A, 1 µs pulse Peak Inverse Voltage Same as VBR Power Dissipation 250 mW, derate linearly to 0 @ 150°C Operating / Storage Temperature -65°C to +150°C |
Numéro de pièce similaire - SMPN7453-SOT23 |
|
Description similaire - SMPN7453-SOT23 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |