Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02067-E-EVM Fiches technique(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02067-E-EVM
Description  Rise and fall times <150 ps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067-E-EVM Fiches technique(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02067-E-EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067-E-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
1.3
DC Characteristics
Table 1-3.
DC Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply current
Excluding IBIAS and IMOD but with
IBIAS and IMOD set to maximum
-52
64
mA
Bias current adjust range
Limited by IREF across temperature
range
4
-
100
mA
Bias current with output disabled
Tx-Dis = HIGH
-
-
300
µA
Maximum bias current limit
TA = +85 °C (adjustable)
100(1)
--
mA
Monitor diode reverse bias voltage
2
-
-
V
Monitor diode current adjustment range
40
-
1000
µA
TTL/CMOS input HIGH voltage (enable/
disable)
2.0
-
-
V
TTL/CMOS input LOW voltage (enable/
disable)
--
0.8
V
CMOS output HIGH voltage (Fail,OCA)
2.4
-
-
V
CMOS output LOW voltage (Fail,OCA)
-
-
0.4
V
Differential input impedance
Data and clock inputs
2.5
-
-
k
Ω
Common-mode input voltage‘
VCC -1.38
-
VCC - VIN(Diff)
4
V
Self-biased common mode input voltage
Data and clock inputs
VCC -1.38
-
VCC -0.47
V
Ratio of bias monitoring current, and
bias current
55
Ratio of modulation monitoring current,
and modulation current
55
Tx_Disable negate time (2)
CMPC = 3.8 nF
.5
1
ms
Tx_Disable assert time (3)
1µs
Modulation Off Current (4)
Measured at pin OUT-,
temperature at 75 °C
300
µA
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted
Notes:
(1)Condition when pin 19 OCASET is connected to ground.
(2)Time for optical power to reach 90% of its mean level following negation of Tx_Disable.
(3)Time for optical power to reach 10% of its mean level following assertion of Tx_Disable.
(4)Data input voltage (Vpin21 – Vpin22) > 300 mV, ENA (pin 1) connected to VCC, DIS (pin 2) connected to ground. RMODSET = 5.5 kΩ,
resistance to ground at GNDA = 0.35
Ω.


Numéro de pièce similaire - M02067-E-EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02067-E-EVM MA-COM-M02067-E-EVM Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results

Description similaire - M02067-E-EVM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com