Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848CLT3G Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce BC848CLT3G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CLT3G Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button BC848CLT3G Datasheet HTML 3Page - ON Semiconductor BC848CLT3G Datasheet HTML 4Page - ON Semiconductor BC848CLT3G Datasheet HTML 5Page - ON Semiconductor BC848CLT3G Datasheet HTML 6Page - ON Semiconductor BC848CLT3G Datasheet HTML 7Page - ON Semiconductor BC848CLT3G Datasheet HTML 8Page - ON Semiconductor BC848CLT3G Datasheet HTML 9Page - ON Semiconductor BC848CLT3G Datasheet HTML 10Page - ON Semiconductor BC848CLT3G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BC846ALT1G Series
www.onsemi.com
7
BC847B, BC848B, BC849B, BC850B, SBC847B, SBC848B
Figure 19. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
600
1
VCE = 1 V
150
°C
−55
°C
25
°C
300
400
500
Figure 20. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
600
1
VCE = 5 V
150
°C
−55
°C
25
°C
300
400
500
Figure 21. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0
0.05
0.30
Figure 22. Base Emitter Saturation Voltage vs.
Collector Current
Figure 23. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
IC/IB = 20
150
°C
−55
°C
25
°C
0.4
0.9
IC/IB = 20
150
°C
−55
°C
25
°C
0.4
0.7
1.1
VCE = 5 V
150
°C
−55
°C
25
°C
0.10
0.15
0.20
0.25
1.0


Numéro de pièce similaire - BC848CLT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC848CLT3G ONSEMI-BC848CLT3G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848CLT3G ONSEMI-BC848CLT3G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC848CLT3G ONSEMI-BC848CLT3G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results

Description similaire - BC848CLT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com