Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX18LT1G Datasheet(Fiches technique) 1 Page - ON Semiconductor

Numéro de pièce BCX18LT1G
Description  General Purpose Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCX18LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BCX18LT1G Datasheet HTML 1Page - ON Semiconductor BCX18LT1G Datenblatt HTML 2Page - ON Semiconductor BCX18LT1G Datenblatt HTML 3Page - ON Semiconductor BCX18LT1G Datenblatt HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1994
November, 2016 − Rev. 9
1
Publication Order Number:
BCX17LT1/D
BCX17LT1G, PNP
BCX18LT1G, PNP
BCX19LT1G, NPN
SBCX19LT1G, NPN
General Purpose
Transistors
Voltage and Current are Negative for
PNP Transistors
Features
S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
BCX17, BCX19
BCX18
VCEO
45
25
Vdc
Collector − Base Voltage
BCX17, BCX19
BCX18
VCBO
50
30
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1), TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in 99.5% alumina.
SOT−23
(TO−236)
CASE 318−08
STYLE 6
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
PNP
NPN
1
XX M
G
G
(Note: Microdot may be in either location)
XX
= T1, T2 or U1
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
COLLECTOR
3
1
BASE
2
EMITTER
www.onsemi.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn