Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBTH10LT1G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MMBTH10LT1G
Description  VHF/UHF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH10LT1G Fiches technique(HTML) 3 Page - ON Semiconductor

  MMBTH10LT1G Datasheet HTML 1Page - ON Semiconductor MMBTH10LT1G Datasheet HTML 2Page - ON Semiconductor MMBTH10LT1G Datasheet HTML 3Page - ON Semiconductor MMBTH10LT1G Datasheet HTML 4Page - ON Semiconductor MMBTH10LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTH10L, MMBTH10−4L, SMMBTH10−4L, NSVMMBTH10L
www.onsemi.com
3
TYPICAL CHARACTERISTICS
600
f, FREQUENCY (MHz)
Figure 1. Rectangular Form
gib (mmhos)
Figure 2. Polar Form
f, FREQUENCY (MHz)
Figure 3. Rectangular Form
gfb (mmhos)
Figure 4. Polar Form
70
60
50
10
0
-10
020
40
60
0
80
100
70
60
50
40
30
20
0
60
30
20
10
10
30
50
70
-10
10
200
300
400
500
700
1000
80
-20
-30
-40
-50
-60
40
30
20
-20 -30
50
40
100
200
300
400
500
700
1000
0
-10
-20
-30
30
20
10
40
70
60
50
bfb
-gfb
100
200
400
700
1000 MHz
1000 MHz
100
200
400
700
gib
-bib
yfb, FORWARD TRANSFER ADMITTANCE
COMMON−BASE y PARAMETERS versus FREQUENCY
(VCB = 10 Vdc, IC = 4.0 mAdc, TA = 25°C)
yib, INPUT ADMITTANCE


Numéro de pièce similaire - MMBTH10LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
More results

Description similaire - MMBTH10LT1G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
logo
Continental Device Indi...
CMBT918 CDIL-CMBT918 Datasheet
132Kb / 3P
   VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMBTH69LT1 MOTOROLA-MMBTH69LT1 Datasheet
74Kb / 4P
   UHF/VHF Transistor
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MSD2714AT1 ONSEMI-MSD2714AT1_06 Datasheet
54Kb / 4P
   VHF/UHF Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com