Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS14T3 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce SS14T3
Description  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS14T3 Fiches technique(HTML) 2 Page - ON Semiconductor

  SS14T3 Datasheet HTML 1Page - ON Semiconductor SS14T3 Datasheet HTML 2Page - ON Semiconductor SS14T3 Datasheet HTML 3Page - ON Semiconductor SS14T3 Datasheet HTML 4Page - ON Semiconductor SS14T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS12201LT1G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
12
Vdc
Collector−Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
12
Vdc
Emitter−Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector Cutoff Current
(VCB = 12 Vdc, IE = 0)
ICBO
0.1
mAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc)
IEBO
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 10 mA, VCE = 2.0 V)
(IC = 500 mA, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
(IC = 2.0 A, VCE = 2.0 V)
hFE
200
200
200
200
330
Collector−Emitter Saturation Voltage (Note 3)
(IC = 0.1 A, IB = 0.01 A)
(IC = 1.0 A, IB = 0.100 A)
(IC = 1.0 A, IB = 0.010 A)
(IC = 2.0 A, IB = 0.2 A)
VCE(sat)
0.003
0.035
0.053
0.068
0.008
0.050
0.080
0.090
V
Base −Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 10 mA)
VBE(sat)
0.760
0.900
V
Base −Emitter Turn−on Voltage (Note 3)
(IC = 1.0 A, VCE = 2.0 V)
VBE(on)
0.750
0.900
V
Cutoff Frequency
(IC = 100 mA, VCE = 5.0 V, f = 100 MHz)
fT
150
MHz
Input Capacitance (VEB = 0.5 V, f = 1.0 MHz)
Cibo
450
pF
Output Capacitance (VCB = 3.0 V, f = 1.0 MHz)
Cobo
75
pF
SWITCHING CHARACTERISTICS
Delay (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
td
100
ns
Rise (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
tr
100
ns
Storage (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
ts
350
ns
Fall (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
tf
110
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.


Numéro de pièce similaire - SS14T3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SS14T3 ONSEMI-SS14T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Description similaire - SS14T3

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com