Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14XXXBCL Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC14XXXBCL
Description  Phase Comparator and Programmable Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCL Fiches technique(HTML) 4 Page - Motorola, Inc

  MC14XXXBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXBCL Datasheet HTML 6Page - Motorola, Inc MC14XXXBCL Datasheet HTML 7Page - Motorola, Inc MC14XXXBCL Datasheet HTML 8Page - Motorola, Inc MC14XXXBCL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MOTOROLA CMOS LOGIC DATA
MC14568B
4
Figure 1. Phase Comparator
DP0
PCout
PULSE
GENERATOR 2
PULSE
GENERATOR 1
“0”out REF
PULSE
GENERATOR
PULSE
GENERATOR
PULSE
GENERATOR 1
PULSE
GENERATOR 2
Figure 2. Counter D1
Figure 3. Counter D2
* N is the value programmed on the DP Inputs.
VDD
VDD
2
10 k
CL
CL
LD
Q1/C2
“0”
VSS
CTL
DP1
DP2
DP3
PCin
F
G
C1
PE
A LAGS B, PCout IS LOW.
A LEADS B, PCout IS HIGH.
50%
20 ns
20 ns
tW(PCin)
90%
50%
10%
tPLH
tPLH
tTHL
90%
10%
tPHL
tPHL
tTLH
THREE–STATE
THREE–STATE
75%
tPLH
tPHL
25%
VOH
VOL
PCin
PG1
LD
PCout
B
A
VDD
VSS
CL
DP0
CTL
DP1
DP2
DP3
PCin
F
G
C1
PE
PCout
LD
Q1/C2
“0”
20 ns
20 ns
tW(C1)
tPHL
10%
50%
90%
tTLH
tTHL
fin fmax
90%
50%
10%
C1
Q1/C2
DP0
DP1
DP2
DP3
PCin
F
G
C1
PE
CTL
Q1/C2
PCout
LD
“0”
VSS
VDD
a.
b.
CL
DP0
DP1
DP2
DP3
PCin
F
G
C1
PE
CTL
Q1/C2
PCout
LD
“0”
CL
VSS
VDD
tW(Q1/C2)
20 ns
20 ns
90%
50%
10%
90%
50%
10%
Q1/C2
“0”
fin fmax
tPHL
tPLH
tTLH
tTHL
N PULSES*
Q1/C2 = PG 1
PE = PG2
20 ns
20 ns
50%
90%
50%
10%
tW(PE)
“0”
SWITCHING TIME TEST CIRCUITS AND WAVEFORMS
tPLH


Numéro de pièce similaire - MC14XXXBCL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
310Kb / 13P
   NBCD Adder
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Description similaire - MC14XXXBCL

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
ICM7240 MAXIM-ICM7240 Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Motorola, Inc
MC4316 MOTOROLA-MC4316 Datasheet
1Mb / 21P
   PROGRAMMABLE MODULO- N COUNTERS
logo
Toshiba Semiconductor
TC5081AP TOSHIBA-TC5081AP Datasheet
68Kb / 4P
   PHASE COMPARATOR
TC5081BP TOSHIBA-TC5081BP Datasheet
178Kb / 6P
   PHASE COMPARATOR
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
   Phase Comparator
DM7556 NSC-DM7556 Datasheet
155Kb / 8P
   TRI-STATE Programmable Binary Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
LP265 NSC-LP265 Datasheet
209Kb / 10P
   Micropower Programmable Quad Comparator
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com