Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14XXXBCL Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC14XXXBCL
Description  Phase Comparator and Programmable Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCL Fiches technique(HTML) 3 Page - Motorola, Inc

  MC14XXXBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXBCL Datasheet HTML 6Page - Motorola, Inc MC14XXXBCL Datasheet HTML 7Page - Motorola, Inc MC14XXXBCL Datasheet HTML 8Page - Motorola, Inc MC14XXXBCL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14568B
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
V
Min
Typ
Max
Unit
Output Rise Time
tTLH
5.0
10
15
180
90
65
360
180
130
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Minimum Pulse Width, C1, Q1/C2, or PCin Input
tWH
5.0
10
15
125
60
45
250
120
90
ns
Maximum Clock Rise and Fall Time,
C1, Q1/C2, or PCin Input
tTLH,
tTHL
5.0
10
15
15
15
15
µs
PHASE COMPARATOR
Input Resistance
Rin
5.0 to 15
106
M
Input Sensitivity, dc Coupled
5.0 to 15
See Input Voltage
Turn–Off Delay Time,
PCout and LD Outputs
tPHL
5.0
10
15
550
195
120
1100
390
240
ns
Turn–On Delay Time.
PCout and LD Outputs
tPLH
5.0
10
15
675
300
190
1350
600
380
ns
DIVIDE–BY–4, 16, 64 OR 100 COUNTER (D1)
Maximum Clock Pulse Frequency
Division Ratio = 4, 64 or 100
fcl
5.0
10
15
3.0
8.0
10
6.0
16
22
MHz
Division Ratio = 16
5.0
10
15
1.0
3.0
5 0
2.5
6.3
9.7
Propagation Delay Time, Q1/C2 Output
Division Ratio = 4, 64 or 100
tPLH,
tPHL
5.0
10
15
450
190
130
900
380
260
ns
Division Ratio = 16
5.0
10
15
720
300
200
1440
600
400
PROGRAMMABLE DIVIDE–BY–N 4–BIT COUNTER (D2)
Maximum Clock Pulse Frequency
(Figure 3a)
fcl
5.0
10
15
1.2
3.0
4.0
1.8
8.5
12
MHz
Turn–On Delay Time, “0” Output
(Figure 3a)
tPLH
5.0
10
15
450
190
130
900
380
260
ns
Turn–Off Delay Time, “0” Output
(Figure 3a)
tPHL
5.0
10
15
225
85
60
450
170
150
ns
Minimum Preset Enable Pulse Width
tWH(PE)
5.0
10
15
75
40
30
250
100
75
ns


Numéro de pièce similaire - MC14XXXBCL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
310Kb / 13P
   NBCD Adder
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Description similaire - MC14XXXBCL

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
ICM7240 MAXIM-ICM7240 Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Motorola, Inc
MC4316 MOTOROLA-MC4316 Datasheet
1Mb / 21P
   PROGRAMMABLE MODULO- N COUNTERS
logo
Toshiba Semiconductor
TC5081AP TOSHIBA-TC5081AP Datasheet
68Kb / 4P
   PHASE COMPARATOR
TC5081BP TOSHIBA-TC5081BP Datasheet
178Kb / 6P
   PHASE COMPARATOR
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
   Phase Comparator
DM7556 NSC-DM7556 Datasheet
155Kb / 8P
   TRI-STATE Programmable Binary Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
LP265 NSC-LP265 Datasheet
209Kb / 10P
   Micropower Programmable Quad Comparator
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com