Moteur de recherche de fiches techniques de composants électroniques |
|
MC Fiches technique(PDF) 1 Page - MTRONPTI |
|
MC Fiches technique(HTML) 1 Page - MTRONPTI |
1 / 2 page MC Series Low Frequency Bandpass Filter PC mountable or connector with lower loss, more complexity, and higher power. Standard Parameters Special Parameters Comments Frequency Range 15 to 150 MHz 2 to 200 MHz Percentage Bandwidth 1 to 100% 0.5 to 200% Maximum VSWR 1.5:1 1.2:1 Average Input Power 1 Watt Up to 10 Watts Measured up to 10,000 feet Phase Linearity ± 5° ± 2° Phase Matching ± 2° ± 1° Maximum Attenuation Up to 50 dBc Up to 65 dBc Topology Chebychev *Consult Factory Nominal Impedance 50 Ohms **Consult Factory Number of Sections 6 12 Shock 5 G's Up to 500 G's See Below Vibration 5 G's Up to 500 G's See Below Humidity 90%, non-condensing Up to 100%, non-condensing See Below Alititude Unlimited Unlimited See Below Operating Temperature 0 to +50 °Celsius -55 to +125 °Celsius See Below Storage Temperature -55 to +85 °Celsius -65 to +150 °Celsius See Below Gross Leak As required As required Additional testing charges will apply Fine Leak As required As required Additional testing charges will apply Moisure Resistance 100% 100% Dimensions See chart below See chart below Mounting Options PC Mount OR CONNECTORIZED Gross and Fine Leak do not apply to connectorized parts. SMA Female or Male SMC or SMB Female or Male Overview http://www.mtronpti.com/products/Filter/Bandpass/mc-series-low-frequency-bandpass Connector |
Description similaire - MC |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |