Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQY210ATR Fiches technique(PDF) 9 Page - COSMO Electronics Corporation

No de pièce KAQY210ATR
Description  4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY210ATR Fiches technique(HTML) 9 Page - COSMO Electronics Corporation

Back Button KAQY210ATR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 10Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 11Page - COSMO  Electronics Corporation KAQY210ATR Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00004.5
- 9 -
http://www.cosmo-ic.com
cosmo
KAQY210 Series
4PIN 350V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Numbering System
KAQY210 X (Y)
Notes:
KAQY210 = Part No.
X = Lead form option ( blank、S or A)
Y = Tape and reel option ( TLD、TRU、TL、TR )
Option
Description
Packing quantity
A (TLD)
surface mount type package + TLD tape & reel option
2000 units per reel
A (TRU)
surface mount type package + TRU tape & reel option
2000 units per reel
S (TL)
small outline for surface mount type package +
TL tape & reel option
2000 units per reel
S (TR)
small outline for surface mount type package +
TR tape & reel option
2000 units per reel
Recommended Pad Layout for Surface Mount Lead Form
8.3
1.9
6
1.2
4-pin SMD
1. Surface mount type.
2. Small outline for
surface mount type.
4-pin SOP
Unit:mm


Numéro de pièce similaire - KAQY210ATR

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQY210A COSMO-KAQY210A Datasheet
403Kb / 2P
   HIGH VOLTAGE STATE RELAY MOSFET OUTPUT
logo
DB Lectro Inc
KAQY210AB DBLECTRO-KAQY210AB Datasheet
131Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQY210A COSMO-KAQY210A_11 Datasheet
162Kb / 7P
   PRODUCT SPECIFICATION
More results

Description similaire - KAQY210ATR

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com