Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQY210STR Fiches technique(PDF) 3 Page - COSMO Electronics Corporation

No de pièce KAQY210STR
Description  4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY210STR Fiches technique(HTML) 3 Page - COSMO Electronics Corporation

  KAQY210STR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY210STR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00004.5
- 3 -
http://www.cosmo-ic.com
cosmo
KAQY210 Series
4PIN 350V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Continuous forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
5
V
Power dissipation
Pin
100
mW
Derate linearly from 25℃
-
1.3
mW/℃
Output
Breakdown voltage
VB
350
V
Continuous load current
IL
130
mA
Power dissipation
Pout
500
mW
Isolation voltage
Viso
KAQY210S
KAQY210
1500Vrms
5000Vrms
Isolation resistance (Vio=500V)
Riso
≧10
10
Ω
Total power dissipation
Pt
550
mW
Derate linearly from 25℃
-
2.5
mW/℃
Operating temperature
Topr
-40 to +85
Storage temperature
Tstg
-40 to +125
Junction temperature
Tj
100
Soldering temperature 10 seconds
Tsot
260
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=10mA
-
1.2
1.5
V
Operation input current
IFON
VL=20V, IL=100mA
-
-
3.0
mA
Recovery input current
IFOFF
VL=20V, IL≦5μA
0.2
-
-
mA
Output
Breakdown voltage
VB
IB=50μA
350
-
-
V
Off-state leakage current
ILEAK
VL=350V, IF=0mA
-
0.2
1.0
μA
I/O capacitance
Ciso
VB=0V, f=1MHz
-
6
-
pF
ON resistance
RON
IF=10mA, IL=100mA
-
20
30
Ω
Turn-on time
TON
IF=10mA, VL=20V
IL=100mA, t=10ms
-
0.3
1.0
ms
Turn-off time
TOFF
-
0.1
1.0
ms
 Turn-on / Turn-off Time
O N
T
O u tp u t
In p u t
O F F
T
1 0 %
9 0 %


Numéro de pièce similaire - KAQY210STR

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQY210S COSMO-KAQY210S Datasheet
181Kb / 2P
   High Voltage, Photo Mos Relay ED
KAQY210SB COSMO-KAQY210SB Datasheet
831Kb / 7P
   PHOTO MOS RELAYS
KAQY210S COSMO-KAQY210S_11 Datasheet
164Kb / 7P
   PRODUCT SPECIFICATION
More results

Description similaire - KAQY210STR

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com