Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14XXXBCP Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC14XXXBCP
Description  NBCD Adder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCP Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC14XXXBCP Datasheet HTML 2Page - Motorola, Inc MC14XXXBCP Datasheet HTML 3Page - Motorola, Inc MC14XXXBCP Datasheet HTML 4Page - Motorola, Inc MC14XXXBCP Datasheet HTML 5Page - Motorola, Inc MC14XXXBCP Datasheet HTML 6Page - Motorola, Inc MC14XXXBCP Datasheet HTML 7Page - Motorola, Inc MC14XXXBCP Datasheet HTML 8Page - Motorola, Inc MC14XXXBCP Datasheet HTML 9Page - Motorola, Inc MC14XXXBCP Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MOTOROLA CMOS LOGIC DATA
MC14560B
6
Table 1. Sum = A + B + C
Binary Sums
Decimal
Numbers
Corrected
Binary Sums
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
Non valid
1101
BCD
1110
representation
1111
0000 + Carry
0001 + Carry
0010 + Carry
0011 + Carry
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
0000 + Carry
0001 + Carry
0010 + Carry
0011 + Carry
0100 + Carry
0101 + Carry
0110 + Carry
0111 + Carry
1000 + Carry
1001 + Carry
ADDITION AND SUBTRACTION OF SIGNED NBCD
NUMBERS
Using MC14560 NBCD Adders and MC14561 9’s Comple-
menters, a sign and magnitude adder/subtracter can be con-
figured (Figure 5). Inputs A and B are signed positive (AS, BS
= “0”) or negative (AS, BS = “1”). B is added to or subtracted
from A under control of an Add/Sub line (subtraction = “1”).
The result, R, of the operation is positive signed, positive
signed with overflow, negative signed, or negative signed
with overflow. Add/subtract time is typically 0.6 + 0.4n
µs for
n decades.
An exclusive–OR of Add/Sub line and BS produces B′,
which controls the B complementers. If BS, the sign of B, is a
logical “1” (B is negative) and the Add/Sub line is a “0” (add
B to A), then the output of the exclusive–OR (BS′) is a logical
“1” and B is complemented. If BS = “1” and Add/Sub = “1”, B
is not complemented since subtracting a negative number is
the same as adding a positive number. When Add/Sub is a
“1” and BS = “0”, BS′ is a “1” and B is complemented. The A
complementer is controlled by the A sign bit, AS. When AS =
“1”, A is complemented.
Figure 4. Unsigned NBCD Addition Algorithm
6,941
5,870
+
4 BIT BINARY FULL ADDER
DIGIT BINARY SUMS
BINARY SUMS WITH
CARRY FROM CONVERTERS
CODE CONVERTERS
CORRECTED SUM
12,811
A
B
Cin
Cout
BINARY TO NBCD
CODE CONVERTER
RESULT, R
A1
B1
A2
B2
An
Bn
Cin
Cin
Cin
Cout
Cout
Cout
R1
R2
Rn
OVERFLOW
THOUSANDS
0110
0101
HUNDREDS
1001
1000
TENS
0100
0111
UNITS
0001
0000
ADDER
Cin
ADDER
Cin
ADDER
Cin
ADDER
1
1
0
1011
0001
1011
0001
1
1100
0010
1011
0001
1
Cout
Cout
Cout
Cout
1
0 0 1 0
1 0 0 0
0 0 0 1
0 0 0 1
Figure 5. Addition of Unsigned NBCD Numbers
(a) MC14560 Block Diagram
(b) n–Decade Adder
Typical Add Time = 0.1 + 0.2n
µs
where n = Number of Decades
4 BIT BINARY ADDERS
MC14560
MC14560
MC14560


Numéro de pièce similaire - MC14XXXBCP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Description similaire - MC14XXXBCP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
   NBCD ADDER
logo
Fuji Electric
EDS9-2I FUJI-EDS9-2I Datasheet
207Kb / 3P
   FC SERIES ADDER
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
   4-Bit BCD Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_05 Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
logo
NXP Semiconductors
74F583 PHILIPS-74F583 Datasheet
120Kb / 8P
   4-bit BCD adder
1989 Apr 06
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
NXP Semiconductors
74F385 PHILIPS-74F385 Datasheet
64Kb / 6P
   Quad serial adder/subtractor
1989 Sep 20
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com