Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14501UB Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC14501UB
Description  Dual 4?밒nput ?쏯AND??Gate 2?밒nput ?쏯OR/OR??Gate 8?밒nput ?쏛ND/NAND??Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14501UB Fiches technique(HTML) 4 Page - Motorola, Inc

  MC14501UB Datasheet HTML 1Page - Motorola, Inc MC14501UB Datasheet HTML 2Page - Motorola, Inc MC14501UB Datasheet HTML 3Page - Motorola, Inc MC14501UB Datasheet HTML 4Page - Motorola, Inc MC14501UB Datasheet HTML 5Page - Motorola, Inc MC14501UB Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14501UB
4
Figure 1. Power Dissipation Test Circuit
and Waveform
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
IN 2B
OUTA
OUTB
VDD
IN 4C
OUTC
IN 1B
IN 4A
IN 3A
IN 2A
IN 1A
VSS
IN 3C
IN 2C
IN 1C
OUTB
PIN ASSIGNMENT
0.01
µF CERAMIC
VDD
16
Vin
CL
CL
CL
CL
8
IDD
500
µF
50% DUTY CYCLE
VDD
VSS
20 ns
90%
10%
90%
10%
20 ns
Vin
Figure 2. Input “NAND” Gate Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
16
INPUT
(A)
8
VSS
CL
OUTPUT
(B)
20 ns
20 ns
VDD
VSS
90%
50%
10%
50%
90%
10%
OUTPUT (B)
INPUT (A)
tPHL
tPLH
VOH
VOL
tTHL
tTLH
90%
50%
10%
90%
50%
10%
Figure 3. “NOR” Gate and “NOR–Inverter” Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
CL
20 ns
VDD
90%
OUTPUT (B)
tTHL
INPUT (A)
OUTPUT (C)
CL
INPUT (A)
OUTPUT (B)
OUTPUT (C)
VSS
VOH
VOL
VOH
VOL
50%
10%
tTLH
tPLH
tPHL
50%
90%
10%
90%
50%
10%
tPLH
tTLH
tTHL
Output (B) = “NOR”
Output (C) = “NOR–Inverter”
All unused inputs
connected to ground.
tPHL


Numéro de pièce similaire - MC14501UB

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010DW FREESCALE-MC145010DW Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010ED FREESCALE-MC145010ED Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010P FREESCALE-MC145010P Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
More results

Description similaire - MC14501UB

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
logo
First Silicon Co., Ltd
FC74VHC1G02 FS-FC74VHC1G02 Datasheet
398Kb / 4P
   2?밒nput NOR Gate
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09 Datasheet
648Kb / 13P
[Old version datasheet]   SINGLE 2?밒NPUT POSITIVE?밃ND GATE WITH OPEN DRAIN OUTPUT
SN74AHC1G09 TI1-SN74AHC1G09_16 Datasheet
898Kb / 20P
[Old version datasheet]   Single 2?밒nput Positive-AND Gate With Open-Drain Output
logo
Pyramid Semiconductor C...
ML672 PYRAMID-ML672 Datasheet
68Kb / 1P
   Quad 2-Input ?쏯and??Gate
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com