Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2301IZQZ Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TSC2301IZQZ
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IZQZ Fiches technique(HTML) 2 Page - Texas Instruments

  TSC2301IZQZ Datasheet HTML 1Page - Texas Instruments TSC2301IZQZ Datasheet HTML 2Page - Texas Instruments TSC2301IZQZ Datasheet HTML 3Page - Texas Instruments TSC2301IZQZ Datasheet HTML 4Page - Texas Instruments TSC2301IZQZ Datasheet HTML 5Page - Texas Instruments TSC2301IZQZ Datasheet HTML 6Page - Texas Instruments TSC2301IZQZ Datasheet HTML 7Page - Texas Instruments TSC2301IZQZ Datasheet HTML 8Page - Texas Instruments TSC2301IZQZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
www.ti.com
30k
20k
+20 to - 40dB,
0.5dB Steps
Σ∆
ADC
Mute, 0db, 6dB, 12dB
Σ∆
DAC
Headphone
Driver
Σ∆
DAC
Headphone
Driver
Digital
Audio
Processing
I2S
INTERFACE
Control
Interface
OSC
S
S
AVDD
VCM
AGND
RLINEIN
MICIN
LLINEIN
HPGND
HPVDD
HPR
VOUTR
VOUTL
HPL
COI
COO
SPISEL
SPIDIN
SPICLK
SPIDO
DAV
MCLK
LRCLK
I2SDIN
I2SDOUT
BCLK
PENIRQ
+20 to - 40dB,
0.5dB Steps
Σ∆
ADC
S
S
+12dB to -
35dB
0.5dB steps
X-
X+
Y-
Y+
Touch
Pannel
Drivers
Temp
Sensor
VBAT2
VBAT1
AUX2
AUX1
Battery
Monitor
Battery
Monitor
ADC
SAR
C1 C2
C3 C4
R1 R2
R3
R4
Keypad Scanner and State Control
CONTROL
LOGIC
&
SPI
INTERFACE
DAC
DACOUT
DACSET
Internal 2.5V/
1.25V Reference
VREFIN
MONO+
MONO-
KBIRQ
Digital Gain
0 to - 63.5dB
0.5dB Steps
Digital Gain
0 to - 63.5dB
0.5dB Steps
POL
RESET
VREF+
VREF-
317Ω
317Ω
GPIO_0
GPIO_1
GPIO_2
GPIO_3
GPIO_4
GPIO_5/CLKO
GPIO
INTERFACE
DGND (2)
DVDD (2)
AFILTR
AFILTL
AVDD - 1V
MICBIAS
And
PLL
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
2


Numéro de pièce similaire - TSC2301IZQZ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2301IPAG TI1-TSC2301IPAG Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGG4 TI1-TSC2301IPAGG4 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Description similaire - TSC2301IZQZ

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com