Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS548B22RVFT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS548B22RVFT
Description  1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS548B22RVFT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS548B22RVFT Datasheet HTML 5Page - Texas Instruments TPS548B22RVFT Datasheet HTML 6Page - Texas Instruments TPS548B22RVFT Datasheet HTML 7Page - Texas Instruments TPS548B22RVFT Datasheet HTML 8Page - Texas Instruments TPS548B22RVFT Datasheet HTML 9Page - Texas Instruments TPS548B22RVFT Datasheet HTML 10Page - Texas Instruments TPS548B22RVFT Datasheet HTML 11Page - Texas Instruments TPS548B22RVFT Datasheet HTML 12Page - Texas Instruments TPS548B22RVFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
TPS548B22
www.ti.com
SLUSCE4 – JANUARY 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Correlated with closed-loop EVM measurement at load current of 20 A.
(2)
Specified by design. Not production tested.
6.6 Timing Requirements
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
SWITCHING FREQUENCY
fSW
VO switching
frequency(1)
VIN = 12 V, VVO = 1 V, TA = 25°C
380
425
475
kHz
585
650
740
790
875
995
950
1050
1250
tON(min)
Minimum on time(2)
60
ns
tOFF(min)
Minimum off time(2)
DRVH falling to rising
300
ns
SOFT-START
tSS
Soft-start time
VOUT rising from 0 V to
95% of final set point,
RMODE_HIGH = 100 kΩ
RMODE_LOW = 60.4 kΩ
8
ms
RMODE_LOW = 53.6 kΩ
4
ms
RMODE_LOW = 47.5 kΩ
2
ms
RMODE_LOW = 42.2 kΩ
1
ms
PGOOD COMPARATOR
tPGDLY
PGOOD delay time
Delay for PGOOD going in
1
ms
Delay for PGOOD coming out
2
µs
POWER-ON DELAY
tPODLY
Power-on delay time
1.024
ms
PROTECTIONS AND OOB
tOVPDLY
OVP response time
100-mV over drive
1
µs
tUVPDLY
UVP delay filter delay time
1
ms
tHICDLY
Hiccup blanking time
tSS = 1 ms
16
ms
tSS = 2 ms
24
ms
tSS = 4 ms
38
ms
tSS = 8 ms
67
ms


Numéro de pièce similaire - TPS548B22RVFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS548B27 TI-TPS548B27 Datasheet
3Mb / 46P
[Old version datasheet]   TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548B27RYLR TI-TPS548B27RYLR Datasheet
3Mb / 46P
[Old version datasheet]   TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548B28 TI-TPS548B28 Datasheet
3Mb / 49P
[Old version datasheet]   TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
TPS548B28RWWR TI-TPS548B28RWWR Datasheet
3Mb / 49P
[Old version datasheet]   TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
More results

Description similaire - TPS548B22RVFT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com