Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS548B22RVFR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS548B22RVFR
Description  1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS548B22RVFR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS548B22RVFR Datasheet HTML 7Page - Texas Instruments TPS548B22RVFR Datasheet HTML 8Page - Texas Instruments TPS548B22RVFR Datasheet HTML 9Page - Texas Instruments TPS548B22RVFR Datasheet HTML 10Page - Texas Instruments TPS548B22RVFR Datasheet HTML 11Page - Texas Instruments TPS548B22RVFR Datasheet HTML 12Page - Texas Instruments TPS548B22RVFR Datasheet HTML 13Page - Texas Instruments TPS548B22RVFR Datasheet HTML 14Page - Texas Instruments TPS548B22RVFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Output Current (A)
0
5
10
15
20
25
80%
85%
90%
95%
100%
D007
VIN = 9 V
VIN = 12 V
VIN = 14 V
VIN = 18 V
Output Current (A)
0
5
10
15
20
25
0
1
2
3
4
5
6
D008
VIN = 9 V
VIN = 12 V
VIN = 14 V
VIN = 18 V
11
TPS548B22
www.ti.com
SLUSCE4 – JANUARY 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VDD = VIN
fSW = 650 kHz
FCCM Mode
VOUT = 5 V
L= 820 nH, 0.9 mΩ
Figure 7. Efficiency vs. Output Current
VDD = VIN = 12 V
fSW = 650 kHz
FCCM Mode
VOUT = 5 V
L= 820 nH, 0.9 mΩ
Figure 8. Power Loss vs. Output Current
VDD = VIN = 12 V
fSW = 650 kHz
Natural convection
at room
temperarure
VOUT = 1 V
IOUT = 25 A
Figure 9. Thermal Image
VDD = VIN = 18 V
fSW = 650 kHz
Natural convection
at Room
Temperature
VOUT = 1 V
IOUT = 25 A
Figure 10. Thermal Image
VDD = VIN = 12 V
fSW = 650 kHz
Natural convection
at Room
Temperature
VOUT = 2.5 V
IOUT = 25 A
Figure 11. Thermal Image
VDD = VIN = 12 V
fSW = 650 kHz
Natural convection
at Room
Temperature
VOUT = 5 V
IOUT = 25 A
Figure 12. Thermal Image


Numéro de pièce similaire - TPS548B22RVFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS548B27 TI-TPS548B27 Datasheet
3Mb / 46P
[Old version datasheet]   TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548B27RYLR TI-TPS548B27RYLR Datasheet
3Mb / 46P
[Old version datasheet]   TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548B28 TI-TPS548B28 Datasheet
3Mb / 49P
[Old version datasheet]   TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
TPS548B28RWWR TI-TPS548B28RWWR Datasheet
3Mb / 49P
[Old version datasheet]   TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
More results

Description similaire - TPS548B22RVFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com