Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC8108 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TPC8108
Description  Silicon P Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8108 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TPC8108 Datasheet HTML 1Page - Toshiba Semiconductor TPC8108 Datasheet HTML 2Page - Toshiba Semiconductor TPC8108 Datasheet HTML 3Page - Toshiba Semiconductor TPC8108 Datasheet HTML 4Page - Toshiba Semiconductor TPC8108 Datasheet HTML 5Page - Toshiba Semiconductor TPC8108 Datasheet HTML 6Page - Toshiba Semiconductor TPC8108 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC8108
2002-03-12
3
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −5.5 A
18.5
23
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −5.5 A
9.5
13
m
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −5.5 A
12
24
S
Input capacitance
Ciss
3510
Reverse transfer capacitance
Crss
250
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
600
pF
Rise time
tr
7
Turn-ON time
ton
16
Fall time
tf
66
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
230
ns
Total gate charge
(gate-source plus gate-drain)
Qg
77
Gate-source charge 1
Qgs1
7.0
Gate-drain (“miller”) charge
Qgd
VDD ∼− −24 V, VGS = −10 V,
ID = −11 A
20
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
−44
A
Forward voltage (diode)
VDSF
IDR = −11 A, VGS = 0 V
1.2
V
VDD ∼− −15 V
−10 V
VGS
0 V
ID = −5.5 A
VOUT


Numéro de pièce similaire - TPC8108

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
TPC8108 VBSEMI-TPC8108 Datasheet
996Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - TPC8108

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212 Datasheet
340Kb / 7P
   Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003_07 Datasheet
236Kb / 7P
   Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
2SJ681 TOSHIBA-2SJ681_09 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCA8005-H TOSHIBA-TPCA8005-H Datasheet
192Kb / 4P
   Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com