Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10168 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC10168
Description  Quad Latch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10168 Fiches technique(HTML) 2 Page - Motorola, Inc

  MC10168 Datasheet HTML 1Page - Motorola, Inc MC10168 Datasheet HTML 2Page - Motorola, Inc MC10168 Datasheet HTML 3Page - Motorola, Inc MC10168 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10168
MOTOROLA
MECL Data
DL122 — Rev 6
3–100
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
82
60
75
82
mAdc
Input Current
IinH
3,7,9,14
4,5,10,12
13
390
425
460
245
265
290
245
265
290
µAdc
IinL
*
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
6
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
6
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
6
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
6
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
Data
Gate
Clock
t3+2+
t5–2+
t13+2+
2
2
2
1.0
1.0
1.0
5.6
3.2
5.8
1.0
1.0
1.0
3.0
2.0
4.0
5.4
3.1
5.6
1.1
1.0
1.2
5.9
3.4
6.2
Setup Time
t3+13+
2
2.5
2.5
2.5
Hold Time
t13+3+
2
1.0
1.0
1.0
Rise Time
(20 to 80%)
t2+
2
1.0
3.6
1.1
2.0
3.5
1.1
3.8
Fall Time
(20 to 80%)
t2–
2
1.0
3.6
1.1
2.0
3.5
1.1
3.8
* Individually test each input applying VIH or VIL to input under test.


Numéro de pièce similaire - MC10168

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

Description similaire - MC10168

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
logo
Fairchild Semiconductor
DM93L14 FAIRCHILD-DM93L14 Datasheet
115Kb / 5P
   Quad Latch
logo
National Semiconductor ...
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com