Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3090C Datasheet(Fiches technique) 5 Page - List of Unclassifed Manufacturers

Numéro de pièce SI-3090C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3090C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI-3090C Datenblatt HTML 1Page - List of Unclassifed Manufacturers SI-3090C Datenblatt HTML 2Page - List of Unclassifed Manufacturers SI-3090C Datenblatt HTML 3Page - List of Unclassifed Manufacturers SI-3090C Datenblatt HTML 4Page - List of Unclassifed Manufacturers SI-3090C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3090C Datenblatt HTML 6Page - List of Unclassifed Manufacturers SI-3090C Datenblatt HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
39
ITa-PD Characteristics
PD=IO•[VIN(mean)–VO]
GSI-3000C Series
15
20
10
5
0
–30
0
25
50
Ambient Temperature Ta (
°C)
75
100
75
×75×2mm (7.6°C/W)
100
×100×2mm (5.2°C/W)
200
×200×2mm (2.3°C/W)
Infinite heatsink
Without heatsink
With Silicon Grease
Heatsink: Aluminum


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn