Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3050C Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce SI-3050C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3050C Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  SI-3050C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3050C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
39
ITa-PD Characteristics
PD=IO•[VIN(mean)–VO]
GSI-3000C Series
15
20
10
5
0
–30
0
25
50
Ambient Temperature Ta (
°C)
75
100
75
×75×2mm (7.6°C/W)
100
×100×2mm (5.2°C/W)
200
×200×2mm (2.3°C/W)
Infinite heatsink
Without heatsink
With Silicon Grease
Heatsink: Aluminum


Numéro de pièce similaire - SI-3050C

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3050C SANKEN-SI-3050C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3050C ALLEGRO-SI-3050C Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
More results

Description similaire - SI-3050C

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com