Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033C Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce SI-3033C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3033C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-3033C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3033C Datenblatt HTML 2Page - List of Unclassifed Manufacturers SI-3033C Datenblatt HTML 3Page - List of Unclassifed Manufacturers SI-3033C Datenblatt HTML 4Page - List of Unclassifed Manufacturers SI-3033C Datenblatt HTML 5Page - List of Unclassifed Manufacturers SI-3033C Datenblatt HTML 6Page - List of Unclassifed Manufacturers SI-3033C Datenblatt HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
35
Unit
V
V
A
W
W
C
C
C
C/W
C/W
Symbol
VIN
VC
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
Rth(j-a)
IFeatures
? Compact full-mold package (equivalent to TO220)
? Output current: 1.5A
? Low dropout voltage: VDIF
?1V (at IO=1.5A)
? Variable output voltage (rise only)
May be used for remote sensing
? Output ON/OFF control terminal is compatible with LS-TTL.
(It may be directly driven by LS-TTL or standard CMOS logic.)
? Built-in foldback overcurrent (SI-3033C: Drooping type overcurrent),
overvoltage, thermal protection circuits
IApplications
? For stabilization of the secondary stage of switching power supplies
? Electronic equipment
IAbsolute Maximum Ratings
(Ta=25
C)
SI-3000C Series
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Ratings
SI-3033C
SI-3050C/3090C SI-3120C/3150C
SI-3240C
20
35
35
45
VIN
1.5*2
18(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
?40 to +125
?30 to +100
?40 to +125
5.5
66.7(Without heatsink, stand-alone operation)
GSI-3000C Series
Parameter
DC Input Voltage
Voltage of Output Control Terminal
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)
Thermal Resistance (junction to ambient air)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn