Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3418S Fiches technique(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No de pièce 2N3418S
Description  NPN Medium Power Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3418S Fiches technique(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  2N3418S Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3418S Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3418S Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N3418S Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN Medium Power Silicon Transistor
Rev. V1
2N3418(S) - 2N3421(S) Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Outline Drawing (TO-5 & TO-39)
LTR
Dimensions
Note
Inches
Millimeters
MIN
MAX
MIN
MAX
CD
0.305
0.335
7.75
8.51
CH
0.240
0.260
6.10
6.60
HD
0.335
0.370
8.51
9.40
LC
0.200 TP
5.08 TP
7
LD
0.016
0.019
0.041
0.048
8, 9
LL
0.500
0.750
12.7
19.05
LU
0.016
0.019
0.041
0.048
8, 9
L1
0.050
1.27
8, 9
L2
0.250
6.35
8, 9
P
0.100
2.54
7
Q
0.030
0.76
5
TL
0.029
0.045
0.74
1.14
TW
0.028
0.034
0.71
0.86
r
0.010
0.25
10
a
45° TP
45° TP
7
1, 2, 10, 12, 13, 14
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4. Dimension TL measured from maximum HD.
5. Body contour optional within zone defined by HD, CD, and Q.
6. CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
7. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within 0.007 inch (0.18 mm) radius of
true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by direct methods or by
gauging procedure.
8. Dimension LU applies between L, and L,. Dimension LD applies between L, and LL minimum. Diameter is uncontrolled in and beyond LL
minimum.
9. All three leads.
10. The collector shall be internally connected to the case.
11. Dimension r (radius) applies to both inside corners of tab.
12. In accordance with ASME Y14.5M, diameters are equivalent to Фx symbology.
13. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
14. For non-S-suffix devices (T0-5), dimension LL = 1.5 inches (38.10 mm) min. and 1.75 inches (44.45 mm) max. For S-suffix types (T0-39),
dimension LL = 0.5 inch (12.70 mm) min. and 750 inch (19.05 mm) max.


Numéro de pièce similaire - 2N3418S

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
2N3418S MICROSEMI-2N3418S Datasheet
342Kb / 6P
   NPN MEDIUM POWER SILICON TRANSISTOR
2N3418S MICROSEMI-2N3418S Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
More results

Description similaire - 2N3418S

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com