Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3061L Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce KMOC3061L
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3061L Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3061L Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3061L Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42002.2
- 1 -
http://www.cosmo-ic.com
cosmo
KMOC306X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Description
The KMOC3061 、 KMOC3062 、 KMOC3063
series consist of a GaAs infrared emitting diode
optically coupled to a monolithic silicon detector
performing the function of a zero voltage crossing
bilateral TRIAC driver. They are designed for use
with a TRIAC in the interface of logic systems to
equipment powered from 115/240 VAC lines, such as
solid-state
relays,
industrial
controls,
motors,
solenoids and consumer appliances, etc.
 Schematic
Z.C
1
2
3
6
4
1. Anode
2. Cathode
3. NC
4. Main terminal
6. Main terminal
 Features
1. Pb free and RoHS compliant
2. 600V peak blocking voltage
3. Simplifies logic control of 115/240 VAC power
4. Zero voltage crossing
5. Isolation voltage between input and output (Viso:5300Vms)
6. MSL class 1
7. Agency Approvals:
• UL Approved (No. E169586): UL1577
C-UL Approved (No. E169586)
• VDE Approved (No. 101347): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• SEMKO Approved: EN60065
• CQC Approved: GB8898-2011, GB4943.1-2011
Applications
Solenoid/Valve controls
Lighting controls
Static power switches
AC motor drives
Temperature controls
E.M contactors
AC motor starters
Solid state relay
Programmable controllers


Numéro de pièce similaire - KMOC3061L

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3061 COSMO-KMOC3061 Datasheet
383Kb / 2P
   ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3061 COSMO-KMOC3061 Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3061H COSMO-KMOC3061H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061 COSMO-KMOC3061_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Description similaire - KMOC3061L

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com