Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4-1393763-7 Fiches technique(PDF) 3 Page - TE Connectivity Ltd

No de pièce 4-1393763-7
Description  Direct coil control with TTL-signals possible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393763-7 Fiches technique(HTML) 3 Page - TE Connectivity Ltd

  4-1393763-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393763-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393763-7 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393763-7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
Signal
Signal Relays
Reed Relay V23100 -V4 (Continued)
PCB layout
TOP view on component side of PCB
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
DIP, flat version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
DIP, high version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
19.80 - 0.2
5.08 - 0.2
7.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
T
Tw
Tz
3.50 ± 0.2
0.60 ± 0.1
0.25 ± 0.1
0.138 ± 0.008
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
SIL version
1 form a
standard
A000
1 form a
with diode
A010
19.8-0.2
5.08-0.2
0.6±0.1
0.25±0.1
SIL version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
15.20 - 0.2
3.80 - 0.2
6.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
Tw
Tz
0.50 ± 0.1
0.25 ± 0.1
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
Mini SIL version
1 form a
standard
A000
1 form a
with diode
A010
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U min
Maximum
voltage U max
Vdc
Vdc
Vdc
Vdc
mW
/ ± 10 %
SIL version: 1 form a contact
5
3.5
13.6
0.75
50
500
V23100-V4605-A000
1422026-2
12
8.4
21.6
1.80
205
700
V23100-V4612-A000
1422026-3
SIL version: 1 form a contact with diode
5
3.5
13.6
0.75
50
500
V23100-V4605-A010
1422026-5
12
8.4
21.6
1.80
205
700
V23100-V4612-A010
1422026-6
3.8-0.2
15.2-0.2
0.25±0.1
0.5±0.1
11.43
Mini SIL version
Dimensions
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
DIP, flat version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
DIP-high version
mm
inch
L
W
H
19.30 - 0.2
7.00 - 0.2
7.50 - 0.2
0.760 - 0.008
0.276 - 0.008
0.295 - 0.008
S
T
Tw
Tz
0.50 ± 0.1
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.200 ± 0.004
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (high)
2 form a
with diode
B010
2 form a
standard
B000
1 form c
with diode
C010
1 form c
with electrostatic
shield and diode
C011
19.3-0.2
0.5±0.1
7.0-0.2
DIP, high version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
19.80 - 0.2
5.08 - 0.2
7.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
T
Tw
Tz
3.50 ± 0.2
0.60 ± 0.1
0.25 ± 0.1
0.138 ± 0.008
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
SIL version
1 form a
standard
A000
1 form a
with diode
A010
19.8-0.2
5.08-0.2
0.6±0.1
0.25±0.1
SIL version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
15.20 - 0.2
3.80 - 0.2
6.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
Tw
Tz
0.50 ± 0.1
0.25 ± 0.1
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
Mini SIL version
1 form a
standard
A000
1 form a
with diode
A010
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U min
Maximum
voltage U max
Vdc
Vdc
Vdc
Vdc
mW
/ ± 10 %
SIL version: 1 form a contact
5
3.5
13.6
0.75
50
500
V23100-V4605-A000
1422026-2
12
8.4
21.6
1.80
205
700
V23100-V4612-A000
1422026-3
SIL version: 1 form a contact with diode
5
3.5
13.6
0.75
50
500
V23100-V4605-A010
1422026-5
12
8.4
21.6
1.80
205
700
V23100-V4612-A010
1422026-6
3.8-0.2
15.2-0.2
0.25±0.1
0.5±0.1
11.43
Mini SIL version
Product code structure
Typical product code
V23100-V4
0
05
A0
10
Type
V23100-V4 Reed Relay, V23100-V4 Series
Version
0
DIP flat, 1 form A (NO) contact or 1 form C (CO) contact without diode
3
DIP high, 2 form A (NO) or 1 form C (CO) contacts
5
SIL, 1 form A (NO) contact
6
Mini SIL, 1 form A (NO) contact
Coil
Coil code: please refer to coil versions table
05
5VDC coil
15
15VDC coil
12
12VDC coil
24
24VDC coil
Contact arrangement
A0
1 form A (NO) contact, DIP flat or SIL package
B0
2 form A (NO) contacts, DIP high package
C0
1 form C (CO) contact, DIP high package
Coil circuit
00
Standard
10
With diode
11
With diode and electrostatic shield


Numéro de pièce similaire - 4-1393763-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
4-1393763-7 MACOM-4-1393763-7 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
4-1393763-7 MACOM-4-1393763-7 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
4-1393763-7 TEC-4-1393763-7 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
More results

Description similaire - 4-1393763-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
V23100V4324C010 MACOM-V23100V4324C010 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100-V4005-A000 MACOM-V23100-V4005-A000 Datasheet
2Mb / 13P
   Direct coil control with TTL-signals possible
V23100V4005A000 MACOM-V23100V4005A000 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100V4024A000 MACOM-V23100V4024A000 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
V23100-V4 TEC-V23100-V4 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH10 ETC2-OAH10 Datasheet
100Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
Silicon Laboratories
SI5321-EVB SILABS-SI5321-EVB Datasheet
1Mb / 18P
   Control input signals are switch configurable
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com