Moteur de recherche de fiches techniques de composants électroniques |
|
CXA1510-0000-000N00J450H Fiches technique(PDF) 3 Page - Cree, Inc |
|
CXA1510-0000-000N00J450H Fiches technique(HTML) 3 Page - Cree, Inc |
3 / 27 page Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 3 XLamp® CXa1510 LED oPErAting LiMits The maximum current rating of the CXA1510 is dependent on the case temperature (Tc) when the LED has reached thermal equilibrium under steady‑state operation. The graphs shown below assume that the system design employs good thermal management (thermal interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions section on page 23 for the location of the Tc measurement point. CXA1510 - 18 V 0 200 400 600 800 1000 0 25 50 75 100 125 150 Case Temperature (°C) 18 V CXA1510 - 36 V 0 100 200 300 400 500 0 25 50 75 100 125 150 Case Temperature (°C) 36 V |
Numéro de pièce similaire - CXA1510-0000-000N00J450H |
|
Description similaire - CXA1510-0000-000N00J450H |