Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1415001-2 Fiches technique(PDF) 2 Page - TE Connectivity Ltd

No de pièce 3-1415001-2
Description  Automotive Relays Plug-in Maxi ISO Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1415001-2 Fiches technique(HTML) 2 Page - TE Connectivity Ltd

  3-1415001-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-1415001-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-1415001-2 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
03-2016, Rev. 0316
www.te.com
© 2016 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Automotive Relays
Plug-in Maxi ISO Relays
Power Relay F7 (Continued)
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
500Vrms
between adjacent contacts
500Vrms
Load dump test
ISO 7637-1 (12VDC), test pulse 5
Vs=+86.5VDC
ISO 7637-2 (24VDC), test pulse 5
Vs=+200VDC
Other Data
EU RoHS/ELV compliance
compliant
Protection to heat and fire according UL-94
HB or better7)
Ambient temperature
-40 to 125°C
Climatic cycling with condensation
EN ISO 6988
6 cycles, storage 8/16h
Temperature cycling,
IEC 60068-2-14, Nb
10 cycles, -40/+85°C (5°C/min)
Damp heat cyclic,
IEC 60068-2-30, Db, Variant 1
6 cycles, upper air temp. 55°C
Damp heat constant, IEC 60068-2-3, Ca
56 days
Category of environmental protection,
IEC 61810
RTI – dustproof, RT III – sealed
Degree of protection, IEC 60529
IP54 (dustproof), IP67 (sealed)
Corrosive gas
IEC 60068-2-42
10±2cm3/m3 SO2, 10 days
IEC 60068-2-43
1±0.3cm3/m3 H2S, 10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz, min. 5g8)
Other Data (continued)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
6ms, min. 30g.8)
Drop test, free fall
IEC 60068-2-32
1m onto concrete
Terminal type
plug-in, QC/ PCB
Cover retention
axial force
150N
pull force
150N
push force
150N
Terminal retention
pull force
100N
push force
100N
resistance to bending
10N9)
force applied to side
10N9)
torque
0.3Nm
Weight
approx. 38g (1.3oz)
Resistance to soldering heat THT
IEC 60068-2-20
260°C, 10s
Packaging unit
plug-in:
210 pcs.
plug-in with bracket:
208 pcs.
PCB
315 pcs.
7) Refers to used materials.
8) No change in the switching state >1μs. Valid for NC contacts, NO contact values
significantly higher.
9) Values apply 2mm from the end of the terminal. When the force is removed, the terminal
must not have moved by more than 0.3mm.
Accessories
For details see datasheet
Connectors for Maxi ISO Relays
NO
1 form A, NO
87
30
86
85
NOR
1 form A, NO with resistor
87
30
86
85
NOD
1 form A, NO with diode
87
30
86
85
Terminal Assignment
Quick connect terminal similar to ISO 8092-1
24.9 ±0.3
16 ±0.5
6 ±0.4
15 ±0.1
4 ±0.2
17 +1/-0.5
11 ±0.5
0.8 ±0.05
ø 1.7 +0.2
1.2 ±0.05
9.5 ±0.1
6.3 ±0.1
25.9 ±0.3
25.9 ±0.3
5.3 ±0.1
TE1098-Y1
0.3
4x
Measurement
reference plane
Dimensions
Power Relay F7 with quick connect terminals similar to ISO 8092-1
View of the terminals (bottom view)
TE1103-411


Numéro de pièce similaire - 3-1415001-2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1415001-2 MACOM-3-1415001-2 Datasheet
315Kb / 4P
   Power Relay F7
logo
TE Connectivity Ltd
3-1415001-2 TEC-3-1415001-2 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
More results

Description similaire - 3-1415001-2

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
logo
List of Unclassifed Man...
1393304-5 ETC2-1393304-5 Datasheet
315Kb / 4P
   Plug-in Maxi ISO Relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com