Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1816-0000-000N0HP250F Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce CXA1816-0000-000N0HP250F
Description  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0HP250F Fiches technique(HTML) 4 Page - Cree, Inc

  CXA1816-0000-000N0HP250F Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0HP250F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
44
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® CXa1816 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 16).
Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-Step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
4000 K
70
75
P2
1830
2028
40H
CXA1816‑0000‑
000N00P240H
40F
CXA1816‑0000‑
000N00P240F
P4
1965
2177
CXA1816‑0000‑
000N00P440H
CXA1816‑0000‑
000N00P440F
Q2
2100
2327
CXA1816‑0000‑
000N00Q240H
CXA1816‑0000‑
000N00Q240F
80
---
N4
1710
1895
40H
CXA1816‑0000‑
000N0HN440H
40G
40F
CXA1816‑0000‑
000N0HN440F
P2
1830
2028
CXA1816‑0000‑
000N0HP240H
CXA1816‑0000‑
000N0HP240G
CXA1816‑0000‑
000N0HP240F
P4
1965
2177
CXA1816‑0000‑
000N0HP440H
CXA1816‑0000‑
000N0HP440G
CXA1816‑0000‑
000N0HP440F
90
95
M2
1380
1537
40H
CXA1816‑0000‑
000N0UM240H
40G
CXA1816‑0000‑
000N0UM240G
40F
CXA1816‑0000‑
000N0UM240F
M4
1485
1645
CXA1816‑0000‑
000N0UM440H
CXA1816‑0000‑
000N0UM440G
CXA1816‑0000‑
000N0UM440F
N2
1590
1762
CXA1816‑0000‑
000N0UN240H
CXA1816‑0000‑
000N0UN240G
CXA1816‑0000‑
000N0UN240F
3500 K
80
---
N4
1710
1895
35H
CXA1816‑0000‑
000N00N435H
35G
35F
CXA1816‑0000‑
000N00N435F
P2
1830
2028
CXA1816‑0000‑
000N00P235H
CXA1816‑0000‑
000N00P235G
CXA1816‑0000‑
000N00P235F
P4
1965
2177
CXA1816‑0000‑
000N00P435H
CXA1816‑0000‑
000N00P435G
CXA1816‑0000‑
000N00P435F
93
95
K4
1290
1437
35H
CXA1816‑0000‑
000N0YK435H
35G
35F
CXA1816‑0000‑
000N0YK435F
M2
1380
1537
CXA1816‑0000‑
000N0YM235H
CXA1816‑0000‑
000N0YM235G
CXA1816‑0000‑
000N0YM235F
M4
1485
1645
CXA1816‑0000‑
000N0YM435H
CXA1816‑0000‑
000N0YM435G
CXA1816‑0000‑
000N0YM435F
3000 K
80
---
N4
1710
1895
30H
CXA1816‑0000‑
000N00N430H
30G
30F
CXA1816‑0000‑
000N00N430F
P2
1830
2028
CXA1816‑0000‑
000N00P230H
CXA1816‑0000‑
000N00P230G
CXA1816‑0000‑
000N00P230F
P4
1965
2177
CXA1816‑0000‑
000N00P430H
CXA1816‑0000‑
000N00P430G
CXA1816‑0000‑
000N00P430F
93
95
K4
1290
1437
30H
CXA1816‑0000‑
000N0YK430H
30G
30F
CXA1816‑0000‑
000N0YK430F
M2
1380
1537
CXA1816‑0000‑
000N0YM230H
CXA1816‑0000‑
000N0YM230G
CXA1816‑0000‑
000N0YM230F
M4
1485
1645
CXA1816‑0000‑
000N0YM430H
CXA1816‑0000‑
000N0YM430G
CXA1816‑0000‑
000N0YM430F
fLuX ChArACtEristiCs, EAsyWhitE® orDEr CoDEs AnD bins (i
f = 450 mA, tJ = 85 °C) - Continued


Numéro de pièce similaire - CXA1816-0000-000N0HP250F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1816-0000-000N0HP250F CREE-CXA1816-0000-000N0HP250F Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Description similaire - CXA1816-0000-000N0HP250F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com