Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SAR586D Fiches technique(PDF) 4 Page - Rohm

No de pièce 2SAR586D
Description  PNP -5.0A -80V Middle Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SAR586D Fiches technique(HTML) 4 Page - Rohm

  2SAR586D Datasheet HTML 1Page - Rohm 2SAR586D Datasheet HTML 2Page - Rohm 2SAR586D Datasheet HTML 3Page - Rohm 2SAR586D Datasheet HTML 4Page - Rohm 2SAR586D Datasheet HTML 5Page - Rohm 2SAR586D Datasheet HTML 6Page - Rohm 2SAR586D Datasheet HTML 7Page - Rohm 2SAR586D Datasheet HTML 8Page - Rohm 2SAR586D Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SAR586D
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Collector-Emitter Saturation Voltage vs.
Collector Current(I)
Fig.6 Collector-Emitter Saturation Voltage vs.
Collector Current(II)
Fig.7 Base-Emitter Saturation Voltage vs.
Collector Current
Fig.8 Gain Bandwidth Product vs. Emitter
Current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
4/6
20161012 - Rev.002


Numéro de pièce similaire - 2SAR586D

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SAR586D ISC-2SAR586D Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
logo
Rohm
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
More results

Description similaire - 2SAR586D

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
   NPN 5.0A 80V Middle Power Transistor
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
   PNP -5.0A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
2SAR514R ROHM-2SAR514R_15 Datasheet
1Mb / 8P
   PNP -0.7A -80V Middle Power Transistor
2SAR564F3 ROHM-2SAR564F3 Datasheet
1Mb / 9P
   PNP -4A -80V Middle Power Transistor
2SAR514RHZG ROHM-2SAR514RHZG Datasheet
1Mb / 9P
   PNP -0.7A -80V Middle Power Transistor
20190325 - Rev.001
2SAR514P ROHM-2SAR514P_13 Datasheet
431Kb / 8P
   PNP -0.7A -80V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com