Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1510-0000-000F0YG235H Fiches technique(PDF) 1 Page - Cree, Inc

No de pièce CXA1510-0000-000F0YG235H
Description  XLamp LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1510-0000-000F0YG235H Fiches technique(HTML) 1 Page - Cree, Inc

  CXA1510-0000-000F0YG235H Datasheet HTML 1Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 2Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 3Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 4Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 5Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 6Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 7Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 8Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Product family data sheet
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXA1510 LED
ProDuCt DEsCriPtion
The XLamp® CXA1510 LeD array
expands Cree’s family of high‑flux,
multi‑die arrays in a smaller, easy‑to‑use
platform.WithXLampLEDlighting‑class
reliability,
the
CXA1510’s
small,
uniform emitting surface enables both
directional and non‑directional lighting
applications including lamp retrofit and
luminaire designs. Available in 2‑step,
3‑step and 4‑step color consistency,
and featuring a 9‑mm optical source,
the CXA1510 brings new levels of flux
and efficacy to this form factor.
The CX LED Design Guide provides
basic information on the requirements
to use the CXA1510 LED successfully in
luminaire designs.
fEAturEs
• Available in 4‑step, 3‑step and 2‑step
EasyWhite® bins at 2700 K, 3000 K,
3500 K, 4000 K & 5000 K CCT and
4‑step EasyWhite bins at 5700 K &
6500 K CCT
• Available in ANSI white bins at
4000 K, 5000 K, 5700 K & 6500 K
CCT
• Available in 70‑, 80‑, 90‑ and
93‑minimum CRI options
• Forward voltage options: 18‑V class
& 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 900 mA
(18 V), 450 mA (36 V)
• 115° viewing angle, uniform
chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS compliant
• UL® recognized component
(E349212)
tAbLE of ContEnts
Characteristics ............................................2
Operating Limits..........................................3
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 18 V.................................4
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 18 V.................................8
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 36 V.................................9
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 36 V.............................. 13
Relative Spectral Power Distribution ...... 14
Electrical Characteristics......................... 15
Relative Luminous Flux............................ 16
Typical Spatial Distribution...................... 18
Performance Groups ‑ Brightness .......... 18
Performance Groups ‑ Chromaticity....... 19
Cree EasyWhite® Bins Plotted on the
1931 CIE Color Space ............................. 22
Cree ANSI White Bins Plotted on the
1931 CIE Color Space.............................. 22
Bin and Order Code Formats................... 23
Mechanical Dimensions .......................... 23
Thermal Design........................................ 24
Notes ........................................................ 26
Packaging................................................. 27


Numéro de pièce similaire - CXA1510-0000-000F0YG235H

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
CXA1511M SONY-CXA1511M Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Cree, Inc
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J40E8 CREE-CXA1512-0000-000N00J40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427F CREE-CXA1512-0000-000N00J427F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Description similaire - CXA1510-0000-000F0YG235H

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com