Moteur de recherche de fiches techniques de composants électroniques |
|
CXA1520-0000-000N0UN250G Fiches technique(PDF) 5 Page - Cree, Inc |
|
CXA1520-0000-000N0UN250G Fiches technique(HTML) 5 Page - Cree, Inc |
5 / 16 page Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 5 XLamp® CXa1520 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 15). • Cree XLamp CXA1520 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. fLuX ChArACtEristiCs, Ansi WhitE orDEr CoDEs AnD bins (i f = 500 mA, tJ = 85 °C) The following table provides order codes for XLamp CXA1520 LEDs. For a complete description of the order code nomenclature, please see the Bin and Order Code Formats section (page 13). nominal CCt Cri Minimum Luminous flux Chromaticity regions order Code Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* 5000 K 70 75 P2 1830 2028 3A0, 3B0, 3C0, 3D0, 50F CXA1520‑0000‑000N00P20E3 P4 1965 2177 CXA1520‑0000‑000N00P40E3 Q2 2100 2327 CXA1520‑0000‑000N00Q20E3 80 --- N4 1710 1895 3A0, 3B0, 3C0, 3D0,50F CXA1520‑0000‑000N0HN40E3 P2 1830 2028 CXA1520‑0000‑000N0HP20E3 P4 1965 2177 CXA1520‑0000‑000N0HP40E3 4000 K 70 75 N4 1710 1895 5A0, 5B0, 5C0, 5D0, 40F CXA1520‑0000‑000N00N40E5 P2 1830 2028 CXA1520‑0000‑000N00P20E5 P4 1965 2177 CXA1520‑0000‑000N00P40E5 |
Numéro de pièce similaire - CXA1520-0000-000N0UN250G |
|
Description similaire - CXA1520-0000-000N0UN250G |