Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP102G Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce TIP102G
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP102G Fiches technique(HTML) 6 Page - ON Semiconductor

  TIP102G Datasheet HTML 1Page - ON Semiconductor TIP102G Datasheet HTML 2Page - ON Semiconductor TIP102G Datasheet HTML 3Page - ON Semiconductor TIP102G Datasheet HTML 4Page - ON Semiconductor TIP102G Datasheet HTML 5Page - ON Semiconductor TIP102G Datasheet HTML 6Page - ON Semiconductor TIP102G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP)
www.onsemi.com
6
20,000
0.1
Figure 9. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
VCE = 4.0 V
0.7
3.0
NPN
TIP100, TIP101, TIP102
PNP
TIP105, TIP106, TIP107
Figure 10. Collector Saturation Region
3.0
0.3
IB, BASE CURRENT (mA)
1.0
0.5
1.0
2.0
10
30
1.8
IC = 2.0 A
TJ = 25°C
4.0 A
2.2
2.6
0.7
5.0
3.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
Figure 11. “On” Voltages
VBE @ VCE = 4.0 V
3.0
10,000
5000
TJ = 150°C
25
°C
-55
°C
20
IC, COLLECTOR CURRENT (AMP)
VCE = 4.0 V
TJ = 150°C
25
°C
-55
°C
1.4
6.0 A
IB, BASE CURRENT (mA)
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
VBE @ VCE = 4.0 V
5.0 7.0
20,000
0.1
200
0.2
0.3
0.5
1.0
2.0
10
500
1000
300
2000
3000
0.7
3.0
10,000
5000
5.0 7.0
7000
700
3.0
7.0
3.0
0.3
1.0
0.5
1.0
2.0
10
30
1.8
2.2
2.6
0.7
5.0
20
1.4
3.0
7.0
IC = 2.0 A
4.0 A
6.0 A
0.7
7.0
3.0
0.1
0.2 0.3
0.5
1.0
2.0
5.0
10
2.5
2.0
1.5
1.0
0.5
3.0
0.7
7.0


Numéro de pièce similaire - TIP102G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TIP102G ONSEMI-TIP102G Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
logo
Unisonic Technologies
TIP102G-TA3-T UTC-TIP102G-TA3-T Datasheet
167Kb / 4P
   NPN EPITAXIAL TRANSISTOR
TIP102G-TN3-R UTC-TIP102G-TN3-R Datasheet
162Kb / 4P
   NPN EPITAXIAL TRANSISTOR
TIP102G-TN3-R UTC-TIP102G-TN3-R Datasheet
167Kb / 4P
   NPN EPITAXIAL TRANSISTOR
More results

Description similaire - TIP102G

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com