Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8406-DSZ Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CS8406-DSZ
Description  192 kHz Digital Audio Interface Transmitter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-DSZ Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CS8406-DSZ Datasheet HTML 2Page - Cirrus Logic CS8406-DSZ Datasheet HTML 3Page - Cirrus Logic CS8406-DSZ Datasheet HTML 4Page - Cirrus Logic CS8406-DSZ Datasheet HTML 5Page - Cirrus Logic CS8406-DSZ Datasheet HTML 6Page - Cirrus Logic CS8406-DSZ Datasheet HTML 7Page - Cirrus Logic CS8406-DSZ Datasheet HTML 8Page - Cirrus Logic CS8406-DSZ Datasheet HTML 9Page - Cirrus Logic CS8406-DSZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
DS580F6
CS8406
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Notes:
5. The active edge of ISCLK is programmable in Software Mode.
6. The polarity of ILRCK is programmable in Software Mode.
7. Prevents the previous ISCLK edge from being interpreted as the first one after ILRCK has changed.
8. This setup time ensures that this ISCLK edge is interpreted as the first one after ILRCK has changed.
Parameter
Symbol
Min
Typ
Max
Units
SDIN Setup Time Before ISCLK Active Edge
(Note 5)
tds
10
-
-
ns
SDIN Hold Time After ISCLK Active Edge
(Note 5)
tdh
8-
-
ns
Master Mode
OMCK to ISCLK active edge delay
(Note 5)
tsmd
0-
17
ns
OMCK to ILRCK delay
(Note 6)
tlmd
0-
16
ns
ISCLK and ILRCK Duty Cycle
-
50
-
%
Slave Mode
ISCLK Period
tsckw
36
-
-
ns
ISCLK Input Low Width
tsckl
14.4
-
-
ns
ISCLK Input High Width
tsckh
14.4
-
-
ns
ISCLK Active Edge to ILRCK Edge
(Note 7)
tlrckd
10
-
-
ns
ILRCK Edge Setup Before ISCLK Active Edge
(Note 8)
tlrcks
10
-
-
ns
ISCLK
ILRCK
(output)
(output)
OMCK
(input)
t smd
t lmd
sckh
sckl
sckw
t
t
t
(input)
(input)
SDIN
dh
t
ds
t
lrcks
t
lrckd
t
ISCLK
ILRCK
Figure 1. Audio Port Master Mode Timing
Figure 2. Audio Port Slave Mode and Data Input Timing


Numéro de pièce similaire - CS8406-DSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8406-DSZ CIRRUS-CS8406-DSZ Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8406-DSZR CIRRUS-CS8406-DSZR Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
More results

Description similaire - CS8406-DSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com