Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RM5532 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce RM5532
Description  High Performance Dual Low Noise Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM5532 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button RM5532 Datasheet HTML 2Page - Fairchild Semiconductor RM5532 Datasheet HTML 3Page - Fairchild Semiconductor RM5532 Datasheet HTML 4Page - Fairchild Semiconductor RM5532 Datasheet HTML 5Page - Fairchild Semiconductor RM5532 Datasheet HTML 6Page - Fairchild Semiconductor RM5532 Datasheet HTML 7Page - Fairchild Semiconductor RM5532 Datasheet HTML 8Page - Fairchild Semiconductor RM5532 Datasheet HTML 9Page - Fairchild Semiconductor RM5532 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RC5532/RC5532A
PRODUCT SPECIFICATION
6
Typical Performance Characteristics (continued)
Figure 9. Output Voltage Swing vs. Supply Voltage
Figure 10. Common Mode Input Range vs. Supply Voltage
Figure 11. Follower Large Signal Pulse Response
Figure 12. Transient Response Output Voltage vs. Time
Figure 13. Input Noise Density vs. Frequency
+VS/-VS (V)
15
10
5
0
-5
-10
-15
0
±5
±10
±15
±20
T = +25 C
R = 600
W
A
L
+VS/-VS (V)
15
10
5
0
-5
-10
-15
0
±5
±10
±15
±20
T = +25 C
A
Time (
µS)
10
8
6
4
2
0
-2
-4
-6
-8
-10
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
V =
15V
T = +25 C
S
A
Output
Input
Time (nS)
140
120
100
80
60
40
20
0
0
50
100
150
200
V =
15V
T = +25 C
R = 600
AV = +1
C = 100 pF
S
A
L
L
W
F (Hz)
100
10
1
0.1
10
100
1K
10K
100K
1M
V =
15V
T = +25 C
R = 10
A = 40 dB
S
A
S
V
W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn