Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RM5532 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce RM5532
Description  High Performance Dual Low Noise Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM5532 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  RM5532 Datasheet HTML 1Page - Fairchild Semiconductor RM5532 Datasheet HTML 2Page - Fairchild Semiconductor RM5532 Datasheet HTML 3Page - Fairchild Semiconductor RM5532 Datasheet HTML 4Page - Fairchild Semiconductor RM5532 Datasheet HTML 5Page - Fairchild Semiconductor RM5532 Datasheet HTML 6Page - Fairchild Semiconductor RM5532 Datasheet HTML 7Page - Fairchild Semiconductor RM5532 Datasheet HTML 8Page - Fairchild Semiconductor RM5532 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RC5532/RC5532A
PRODUCT SPECIFICATION
4
AC Electrical Characteristics
(VS =
±15V and TA = +25°C )
Test Circuits
Figure 1. Closed Loop Frequency Response
Figure 2. Follower, Transient Response
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Output Resistance
AV = 30 dB Closed Loop, F = 10 kHz,
RL = 600
W
0.3
W
Overshoot
Unity Gain, VIN = 100 mVp-p
CL = 100 pF, RL = 600
W
10
%
Gain
F = 10 KHz
2.2
V/mV
Gain Bandwidth Product
CL = 100 pF, RL = 600
W
10
MHz
Slew Rate
8.0
V/
mS
Power Bandwidth
VOUT =
±10V
140
KHz
VOUT =
±14V, RL = 600W, VS = ±18V
100
KHz
65-5532-04
RS
25
½
5532A
RF
100 pF
600
½
3
1
2
VOUT
VIN
RE
65-5532-05
5532A
100 pF
600
½
–VS
+VS
VOUT
1K
VIN
3
2
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn