Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC-38-20026 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce CDC-38-20026
Description  CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

CDC-38-20026 Fiches technique(HTML) 2 Page - Tyco Electronics

  CDC-38-20026 Datasheet HTML 1Page - Tyco Electronics CDC-38-20026 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1223
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
External Resistor Selection Chart
See External Resistor Selection Charts at beginning of Time Delay Relay section of this Databook.
Wiring Diagrams – Bottom Views (pins numbered clockwise from keyway)
* If control input is applied when supply input is applied, relay will immediately energize. A 50 millisecond minimum control pulse is required.
** Note Input polarity for DC operation. For most reliable operation on AC, connect high side to “+” and low side to “–”.
+
_
INPUT
(DC POLARITY INDICATED)**
Fig. 1
8 Pin
EXTERNAL RESISTOR
INPUT
(DC POLARITY INDICATED)**
Fig. 2
11 Pin
Fig. 3
11 Pin
INPUT
(DC POLARITY INDICATED)**
SUPPLY
CONTROL
INPUT*
+
_
+
_
+
_
Outline Dimensions
.60
(15.2)
.56
(14.2)
2.937 MAX.
(74.6)
2.406 MAX.
(61.1)
1.781 MAX.
(45.2)
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Delay on Operate Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
0.1 to 1 Sec.
CDB-38-70001
0.1 to 5 Sec.
CDB-38-70002
120VAC
0.1 to 10 Sec.
Knob
1
CDB-38-70003
0.3 to 30 Sec.
CDB-38-70006
0.6 to 60 Sec.
CDB-38-70004
1.8 to 180 Sec.
CDB-38-70005
120VAC
1 Sec.
Fixed
CDA-38-70012
0.1 to 1 Sec.
CDF-38-70001
120VAC
0.1 to 5 Sec.
Resistor
2
CDF-38-70002
0.1 to 10 Sec.
CDF-38-70003
0.1 to 10 Sec.
CDD-38-30003
24VDC
0.6 to 60 Sec.
Knob
1
CDD-38-30004
1.8 to 180 Sec.
CDD-38-30005
48VDC
0.6 to 60 Sec.
Knob
1
CDD-38-40002
0.1 to 1 Sec.
CDD-38-60004
110VDC
0.1 to 10 Sec.
Knob
1
CDD-38-60001
0.6 to 60 Sec.
CDD-38-60002
1.8 to 180 Sec.
CDD-38-60003
Delay on Release Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
0.1 to 1 Sec.
CDB-38-70016
0.1 to 5 Sec.
CDB-38-70091
120VAC
0.1 to 10 Sec.
Knob
3
CDB-38-70014
0.3 to 30 Sec.
CDB-38-70092
0.6 to 60 Sec.
CDB-38-70012
1.8 to 180 Sec.
CDB-38-70015
120VAC
1 Sec.
Fixed
3
CDA-38-70025
12VDC
180 Sec.
Fixed
3
CDC-38-20026
0.1 to 10 Sec.
CDD-38-30014
24VDC
0.6 to 60 Sec.
Knob
3
CDD-38-30012
1.8 to 180 Sec.
CDD-38-30008


Numéro de pièce similaire - CDC-38-20026

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
CDC-37PF HIROSE-CDC-37PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDC-37SF HIROSE-CDC-37SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
More results

Description similaire - CDC-38-20026

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-4 MACOM-2-1393136-4 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-5 MACOM-2-1393136-5 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-1 MACOM-2-1393136-1 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-9 MACOM-2-1393136-9 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
CB-1041B-30 MACOM-CB-1041B-30 Datasheet
50Kb / 2P
   CB series CMOS IC Time Delay Relay
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com