Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA628 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA628
Description  Low Distortion Wideband OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA628 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  OPA628 Datasheet HTML 1Page - Burr-Brown (TI) OPA628 Datasheet HTML 2Page - Burr-Brown (TI) OPA628 Datasheet HTML 3Page - Burr-Brown (TI) OPA628 Datasheet HTML 4Page - Burr-Brown (TI) OPA628 Datasheet HTML 5Page - Burr-Brown (TI) OPA628 Datasheet HTML 6Page - Burr-Brown (TI) OPA628 Datasheet HTML 7Page - Burr-Brown (TI) OPA628 Datasheet HTML 8Page - Burr-Brown (TI) OPA628 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
OPA628
FEATURES
q EXCELLENT DIFFERENTIAL GAIN: 0.015%
q EXCELLENT DIFFERENTIAL PHASE: 0.015
°
q LOW DISTORTION: 90dB SFDR
q TWO-TONE THIRD-ORDER INTERCEPT:
60dBm
q LOW NOISE: 2.5nV/
Hz
q LOW NOISE FIGURE: 9dB
q BANDWIDTH (Gain = +1): 160MHz
q 0.1dB GAIN FLATNESS: 30MHz
q LOW OFFSET VOLTAGE: 500
µV
APPLICATIONS
q BROADCAST QUALITY VIDEO
q MEDICAL IMAGING
q LOW NOISE PREAMPLIFIER
q PRECISION ADC/DAC BUFFER
q TELECOMMUNICATIONS
q ANALYTICAL INSTRUMENTS
q ACTIVE FILTERS
q DC RESTORATION CIRCUITS
Low Distortion Wideband
OPERATIONAL AMPLIFIER
®
OPA628
additionally enhanced by separating the power sup-
plies to the input and output stages requiring four
power supply connections as shown in the block
diagram below. This separation of supplies eliminates
the effects of package and wire bond parasitic capaci-
tance and inductance. The OPA628 is powered with
±5VDC supplies for low power dissipation. The
OPA628 is available in 8-pin SOIC package. The
temperature range is –40
°C to +85°C.
DESCRIPTION
The OPA628 is a low distortion, wideband operational
amplifier. It features low differential gain error of
0.015% and low differential phase error of 0.015
° at
NTSC and PAL frequencies with a 150
Ω load (a back-
terminated 75
Ω cable). The 0.1dB gain flatness to
30MHz, and the excellent differential gain and phase
make the OPA628 ideal for broadcast quality video
applications. In addition, the spurious free dynamic
range of 90dB makes the OPA628 an excellent choice
to buffer the input of precision Analog-to-Digital con-
verters. It can also be used to provide a buffer for the
output of precision high speed Digital-to-Analog con-
verters. The two-tone third-order intercept of the
OPA628 is 60dBm.
The OPA628 is a unity gain stable, voltage feedback
operational amplifier. It has all of the benefits asso-
ciated with voltage feedback amplifiers including
high input impedance, high common mode rejection,
and symmetrical differential input flexibility. The
unity gain bandwidth of the OPA628 is 160MHz. The
low noise of 2.5nV/
√Hz and low noise figure of 9dB
(RS = 50Ω) make the OPA628 very useful in preci-
sion applications requiring wide dynamic range.
The superior distortion performance of the OPA628 is
achieved by its multistage architecture which provides
high open-loop gain. The distortion performance is
Active
Load
Non-Inverting
Input
Inverting
Input
–V
CC, Input Stage
+V
CC, Input Stage
+V
CC, Output Stage
–V
CC, Output Stage
Output
6
+1
5
7
8
4
3
2
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA628
©1993 Burr-Brown Corporation
PDS-1204B
Printed in U.S.A. March, 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn