Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA628 Fiches technique(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA628
Description  Low Distortion Wideband OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA628 Fiches technique(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA628 Datasheet HTML 3Page - Burr-Brown (TI) OPA628 Datasheet HTML 4Page - Burr-Brown (TI) OPA628 Datasheet HTML 5Page - Burr-Brown (TI) OPA628 Datasheet HTML 6Page - Burr-Brown (TI) OPA628 Datasheet HTML 7Page - Burr-Brown (TI) OPA628 Datasheet HTML 8Page - Burr-Brown (TI) OPA628 Datasheet HTML 9Page - Burr-Brown (TI) OPA628 Datasheet HTML 10Page - Burr-Brown (TI) OPA628 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
OPA628
BIAS AND OFFSET CURRENT vs TEMPERATURE
25
20
15
10
5
0
Temperature (°C)
–50
–25
0
25
50
75
100
125
2.5
2.0
1.5
1.0
0.5
0
Bias Current
Offset Current
CMR, PSR, AND A
OL vs TEMPERATURE
120
115
110
105
100
95
90
85
80
Temperature (°C)
–50
–25
0
25
50
75
100
125
CMR
PSR
A
OL
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
25
20
15
10
5
Common-Mode Voltage (V)
–4
–3
–2
–1
01234
0.9
0.7
0.5
0.3
0.1
Bias Current
Offset Current
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL=100Ω, G = +2, and TA = +25°C, unless otherwise noted.
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
120
100
80
60
40
Common-Mode Voltage (V)
–4
–3
–2
–1
01234
INPUT OFFSET VOLTAGE WARM-UP DRIFT
125
100
75
50
25
0
–25
–50
–75
–100
–125
Time (s)
0
20
40
60
80
100
120
140
160
180
SUPPLY CURRENT vs TEMPERATURE
34
32
30
28
26
24
22
Temperature (°C)
–50
–25
0
25
50
75
100
125


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn