Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA628 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA628
Description  Low Distortion Wideband OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA628 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA628 Datasheet HTML 2Page - Burr-Brown (TI) OPA628 Datasheet HTML 3Page - Burr-Brown (TI) OPA628 Datasheet HTML 4Page - Burr-Brown (TI) OPA628 Datasheet HTML 5Page - Burr-Brown (TI) OPA628 Datasheet HTML 6Page - Burr-Brown (TI) OPA628 Datasheet HTML 7Page - Burr-Brown (TI) OPA628 Datasheet HTML 8Page - Burr-Brown (TI) OPA628 Datasheet HTML 9Page - Burr-Brown (TI) OPA628 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
®
6
OPA628
Time (ns)
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL=100Ω, G = +2, and TA = +25°C, unless otherwise noted.
SMALL SIGNAL TRANSIENT RESPONSE
G = +1V/V
R
L = 100Ω
C
L = 10pF
60
40
20
0
–20
–40
–60
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
100
10
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
1G
POWER SUPPLY REJECTION vs FREQUENCY
120
100
80
60
40
20
0
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
1G
–PSR
+PSR
INPUT CURRENT NOISE SPECTRAL DENSITY
100
10
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
Time (ns)
LARGE SIGNAL TRANSIENT RESPONSE
G = +1V/V
RL = 100Ω
CL = 10pF
3
2
1
0
–1
–2
–3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn