Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA628 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA628
Description  Low Distortion Wideband OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA628 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA628 Datasheet HTML 1Page - Burr-Brown (TI) OPA628 Datasheet HTML 2Page - Burr-Brown (TI) OPA628 Datasheet HTML 3Page - Burr-Brown (TI) OPA628 Datasheet HTML 4Page - Burr-Brown (TI) OPA628 Datasheet HTML 5Page - Burr-Brown (TI) OPA628 Datasheet HTML 6Page - Burr-Brown (TI) OPA628 Datasheet HTML 7Page - Burr-Brown (TI) OPA628 Datasheet HTML 8Page - Burr-Brown (TI) OPA628 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
OPA628
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL=100Ω, G = +2, and TA = +25°C, unless otherwise noted.
5MHz HARMONIC DISTORTION vs OUTPUT SWING
–70
–75
–80
–85
–90
–95
–100
Output Swing (Vp-p)
0
0.5
1.0
1.5
2.0
2.5
3.0
2f
3f
G = +2V/V
5MHz HARMONIC DISTORTION vs LOAD RESISTANCE
–70
–75
–80
–85
–90
–95
–100
0
100
200
300
400
500
600
700
800
900 1000
2f
3f
G = +2V/V
V
O = 2Vp-p
Load Resistance (
Ω)
10MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
–65
–70
–75
–80
–85
–90
–95
0
100
200
300
400
500
600
700
800
900 1000
2f
3f
G = +2V/V
V
O = 2Vp-p
Load Resistance (
Ω)
FULL-POWER BANDWIDTH vs OUTPUT SWING
Output Swing (Vp-p)
1G
100M
10M
0123456
G = +1V/V
G = +2V/V
G = +5V/V
Slew Rate Limit
Slew Rate Limit
for G = +5V/V
SETTLING TIME vs CLOSED-LOOP GAIN
100
90
80
70
60
50
40
30
20
10
0
Closed-Loop Gain
–1
–2
–3
–4
–5
0.01%
0.1%
V
O = 2V step
SETTLING TIME vs OUTPUT VOLTAGE CHANGE
100
90
80
70
60
50
40
30
20
10
0
012345
Output Voltage Change (Vp-p)
Gain = –1V/V
0.01%
0.1%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn