Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7448041104 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 7448041104
Description  WE-CMBNC Common Mode Power Line Choke Nanocrystalline
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448041104 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448041104 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448041104 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448041104 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448041104 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448041104 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448041104 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.1
2.0
1.3
1.2
1.1
1.0
REV
2016-05-25
2016-02-16
2015-02-16
2014-05-13
2014-04-02
2014-03-17
DATE
KaS
KaS
SSt
SSt
SSt
SSt
BY
HasA
SRe
HasA
SSt
HasA
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CMBNC Common Mode Power Line
Choke Nanocrystalline
Order.- No.
7448041104
SIZE
A4
Size: Type L
A Dimensions: [mm]
B Recommended hole pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
DC Resistance
Rated voltage
Insulation test voltage
Test conditions
10 kHz/ 0.1 mA
@ 70°C
@ 20°C
50 Hz
50 Hz/ 5 mA/ 2 sec.
L
IR
RDC
UR
UT
Value
2x 4.0
11.0
2x 8.5
250
1500
Unit
mH
A
V (AC)
V (AC)
Tol.
+50%/-30%
max.
max.
max.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
•Storage Temperature: -20°C to 60°C
•Operating Temperature: -40°C to 125°C
•Temperature Rise: < 55K
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 7448041104

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7448041502 WURTH-7448041502 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448041801 WURTH-7448041801 Datasheet
985Kb / 6P
   WE-CMBNC Common Mode Power Line Choke
1.2 2014-05-13
More results

Description similaire - 7448041104

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7448051012 WURTH-7448051012 Datasheet
905Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448030509 WURTH-7448030509 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448052502 WURTH-7448052502 Datasheet
887Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448060620 WURTH-7448060620 Datasheet
910Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448062105 WURTH-7448062105 Datasheet
922Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448042001 WURTH-7448042001 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040515 WURTH-7448040515 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040707 WURTH-7448040707 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448052303 WURTH-7448052303 Datasheet
466Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448053201 WURTH-7448053201 Datasheet
898Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448060814 WURTH-7448060814 Datasheet
911Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com